Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV746 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 1 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HV746
Features
HVCMOS technology for high performance
High density integration ultrasound transmitter
0 to ±75V output voltage
±2.5A source and sink current in PW mode
±800mA source and sink current in CW mode
Up to 20MHz operation frequency
Matched delay times
1.2V to 5.0V CMOS logic interface
Over temperature sensing
Under voltage protections
Built-in output drain bleed resistors
Applications
Portable medical ultrasound imaging
Piezoelectric transducer drivers
NDT ultrasound equipment
Pulse waveform generator
General Description
The Supertex HV746 is a dual-channel monolithic high voltage
high-speed pulse generator. It is designed for portable medical
ultrasound applications. This high voltage and high-speed
integrated circuit can also be used for other piezoelectric,
capacitive or MEMS sensor in ultrasonic nondestructive
detection and sonar ranger applications.
The HV746 consists of controller logic interface circuit, level
translators, MOSFET gate drives and high current power P-
channel and N-channel MOSFETs as the output stage for
each channel. A 2-bit mode control is provided that allows the
maximum output current to be reduced for power saving.
The output stages of each channel are designed to provide
peak output currents over ±3.6A for pulsing, when in mode
4, with up to ±75V swings. When in mode 1, all the output
stages drop the peak current to ±800mA for low-voltage CW
mode operation to save power consumption of the IC. The P
and N type of power FETs gate drivers are supplied by two
floating 9.0VDC power supplies reference to V
PP and VNN. This
direct coupling topology of the gate drivers not only saves two
high voltage capacitors per channel, but also makes the PCB
layout easier.
Typical Application Circuit
Dual High Speed ±75V 2.5A Ultrasound Pulser
NIN1
SU B
VPP -9V
VPF
VDD
+9V
GREF
+1.8 to 3.3V
Logic
VPP
0 to +75V
EN
MC1
C1
VNN
0 to -75V
TXN1
VNN +9V
1 of 2 Channels
C2
C3
C5
C4
TXP1
HVOUT1
X1
D1
D2
VNF
VSUB
VLL
+1.8 to 3.3V
+75V
C6
C7
EN_P WR
MC0
OT P
VSS
PIN1
RP1
RN1
RGND
HV746
Level
Translator
RGND
P-Driver
N-Driver
Level
Translator


Similar Part No. - HV746

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV748K6-G SUTEX-HV748K6-G Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
HV748K6-G SUTEX-HV748K6-G Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
More results

Similar Description - HV746

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com