Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV748K6-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV748K6-G
Description  Quad High Speed 짹75V 1.25A Ultrasound Pulser
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV748K6-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV748K6-G Datasheet HTML 1Page - Supertex, Inc HV748K6-G Datasheet HTML 2Page - Supertex, Inc HV748K6-G Datasheet HTML 3Page - Supertex, Inc HV748K6-G Datasheet HTML 4Page - Supertex, Inc HV748K6-G Datasheet HTML 5Page - Supertex, Inc HV748K6-G Datasheet HTML 6Page - Supertex, Inc HV748K6-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV748
Switching Time Diagram
Truth Table (All Modes)
Logic Inputs
Output
EN
PIN
X
NIN
X
TXP
X
TXN
X
100
OFF
OFF
1
1
0
ON
OFF
101
OFF
ON
111
ON*
ON*
0
X
X
OFF
OFF
*Note: Not allowed, may damage IC
tdr
50%
10%
50%
90%
PINx
NINx
tdf
Output
VNN
VPP
tr
10%
tf
90%
0
Drive Mode Control Table
Mode
MC1
MC0
I
SC
(A)
R
ONP
(Ω)
R
ONR
(Ω)
1
0
0
0.41
35
33
2
0
1
0.58
25
23
3
1
0
0.97
15
14
4
1
1
1.8
8.0
7.5
*Note:
1.V
PP/VNN = +/-75V, VDD = (VPP – VPF) = (VNF – VNN) = +9.0V
2. I
SC is current into 1.0Ω to GND
3. R
ON calculated from VOUT into 100Ω load


Similar Part No. - HV748K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748K6-G SUTEX-HV748K6-G Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
More results

Similar Description - HV748K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
   Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com