Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV758DB1 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV758DB1
Description  HV758 짹90V 2.2A Ultrasound Pulser Demo Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV758DB1 Datasheet(HTML) 3 Page - Supertex, Inc

  HV758DB1 Datasheet HTML 1Page - Supertex, Inc HV758DB1 Datasheet HTML 2Page - Supertex, Inc HV758DB1 Datasheet HTML 3Page - Supertex, Inc HV758DB1 Datasheet HTML 4Page - Supertex, Inc HV758DB1 Datasheet HTML 5Page - Supertex, Inc HV758DB1 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV758DB1
HV758DB1 Schematic
HV758DB1 PCB
VDD=+9.0V
VCC=+3.3V
VNN=0 to -75V
VPP=0 to +75V
(VPP-VPF)=+9.0V
+75V>VSUB>VPP
(VNF-VNN)=+9.0V
TP16
3
1
2
D3
BAV99
VDD
TP21
TP1
VSUB
C11
330p 250V
R3
2.55K 1W
TX3
NIN3
R15
10
TP7
TP23
3
1
2
D4
BAV99
TP24
VSUB
C16
330p 250V
R6
2.55K 1W
VCC
TX4
C3
0.22
TP9
R16
10
C7
0.22
PIN3
TP6
VNN
R17
10
C8
1u 100V
R7
0
C4
0.22
TP10
D8B
NIN4
VDD
PIN1
R4
10
PIN4
TP15
VPP
VPP
NIN1
TP11
C9
1u 100V
OTP
3
1
2
D1
BAV99
R8
0
TP12
D8A
R9
0
TP3
D5
TP25
C6
0.22
R10
0
TP13
MC1
TX1
TP2
TP17
VCC
VPP
TP5
C5
1u 100V
TP18
VCC
R11
1K
VPF
D7
VCC
TP19
TP4
VPF
PIN1
F3
NIN1
F4
PIN2
E3
NIN2
E4
PIN3
D3
NIN3
D4
PIN4
C3
NIN4
C4
OPT
D2
MC1
D5
MC0
C5
TXN4
A7
TXP4
B7
TXN3
C7
TXP3
D8
TXN2
E8
TXP2
F8
TXN1
G7
TXP1
H8
EN
E5
VLL
E2
TXP1
H7
TXN1
G8
TXP2
F7
TXN2
E7
TXP3
D7
TXN3
C8
TXP4
B8
TXN4
A8
TP20
C2
0.22
MC0
VNN
R12
1
VSUB
VCC
C1
330p 250V
NIN2
VSUB
R1
2.55K 1W
VDD
C12
0.22
D6B
C14
1u 100V
VNF
EN
D6A
D9
VDD
VNN
C13
0.22
TP22
VNF
C15
1u 100V
VNN
R13
10
VNF
TP8
3
1
2
D2
BAV99
TP14
C10
330p 250V
R2
2.55K 1W
TX2
D10
VPF
PIN2
VPP
2
4
6
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
13
15
17
19
21
23
VPP
R14
10
J1
HEADER
12X2
J2 HEADER 8
U2
HV758FB


Similar Part No. - HV758DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV758FB SUTEX-HV758FB Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV758FB-G SUTEX-HV758FB-G Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
More results

Similar Description - HV758DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
HV748DB1 SUTEX-HV748DB1 Datasheet
1Mb / 9P
   HV748 짹75V 1.25A Ultrasound Pulser Demo Board
HV738DB1 SUTEX-HV738DB1 Datasheet
1Mb / 9P
   HV738 짹65V 0.75A Ultrasound Pulser Demo Board
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com