Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV825MG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV825MG
Description  High Voltage EL Lamp Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV825MG Datasheet(HTML) 2 Page - Supertex, Inc

  HV825MG Datasheet HTML 1Page - Supertex, Inc HV825MG Datasheet HTML 2Page - Supertex, Inc HV825MG Datasheet HTML 3Page - Supertex, Inc HV825MG Datasheet HTML 4Page - Supertex, Inc HV825MG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV825
Device
Package Options
8-Lead SO
8-Lead MSOP
HV825
HV825LG
HV825LG-G
HV825MG
HV825MG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
0.5V to +2.5V
Operating Temperature Range
-25°C to +85°C
Storage Temperature Range
-65°C to +150°C
MSOP-8 Power Dissipation
300mW
SO-8 Power Dissipation
400mW
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified - T
A=25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
R
DS(ON)
On-resistance of switching transistor
-
-
15
Ω
I = 50mA
I
IN
V
DD supply current (including inductor
current)
-30
38
mA
V
DD=1.5V. See test circuit
I
DDQ
Quiescent V
DD supply current
-
-
1.0
μA
R
SW-osc = GND
V
CS
Output voltage on V
CS
52
56
68
V
V
DD = 1.5V. See test circuit
V
A-B
Differential output voltage across
lamp
104
112
136
V
V
DD = 1.5V. See test circuit
f
EL
V
A-B output drive frequency
400
-
-
Hz
V
DD = 1.5V. See test circuit
f
SW
Switching transistor frequency
-
30
-
KHz
V
DD = 1.5V. See test circuit
D
Switching transistor duty cycle
-
88
-
%
---
Recommended Operating Conditions
V
DD
Supply voltage
1.0
-
1.6
V
---
C
L
Load Capacitance
0
6.0
-
nF
---
T
A
Operating temperature
-25
-
+85
OC
---
Enable/Disable Table
V
IL
Low level input voltage to R
SW-osc
resistor
0
-
0.2
V
V
DD = 1.0V-1.6V
V
IH
High level input voltage to R
SW-osc re-
sistor
V
DD-0.5
-
V
DD
VV
DD = 1.0V-1.6V
Pin Configuration
LX
CS
RSW-Osc
VDD
REL-Osc
VA
VB
GND
1
2
3
4
5
6
7
8
HV825
(top view)
Ordering Information


Similar Part No. - HV825MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825MG SUTEX-HV825MG Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
More results

Similar Description - HV825MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
   High Voltage Tri-EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
   EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com