Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT818 Datasheet(PDF) 2 Page - Power Semiconductors

Part # AT818
Description  PHASE CONTROL THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT818 Datasheet(HTML) 2 Page - Power Semiconductors

  AT818 Datasheet HTML 1Page - Power Semiconductors AT818 Datasheet HTML 2Page - Power Semiconductors AT818 Datasheet HTML 3Page - Power Semiconductors AT818 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AT818 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION
feb 97 - ISSUE : 04
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
120°
90°
60°
30°
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
100
200
300
400
500
600
700
800
IF(AV) [A]
PF(AV) [W]
ANSALDO
DC
180°
120°
90°
60°
30°
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
800
IF(AV) [A]
Th [°C]


Similar Part No. - AT818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT8-DA4 ETC2-AT8-DA4 Datasheet
221Kb / 2P
   DIN SIZE TIMERS COMMON OPTIONS
logo
Shenzhenshi YONGFUKANG ...
AT8025 YONGFUKANG-AT8025 Datasheet
483Kb / 10P
   2X8W15W single chip 2.1 channel Class D amplifier
logo
ATMEL Corporation
AT80251G2D ATMEL-AT80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
AT80251G2D ATMEL-AT80251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
AT80251G2D-3CSUM ATMEL-AT80251G2D-3CSUM Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

Similar Description - AT818

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com