Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM214A Datasheet(PDF) 3 Page - Semikron International

Part # SKM214A
Description  Power MOSFET Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM214A Datasheet(HTML) 3 Page - Semikron International

  SKM214A Datasheet HTML 1Page - Semikron International SKM214A Datasheet HTML 2Page - Semikron International SKM214A Datasheet HTML 3Page - Semikron International SKM214A Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 7 Breakdown voltage vs. temperature
Fig. 8 Drain-source voltage derating
Fig. 9 Capacitances vs. drain-source voltage
Fig. 10 Gate charge characteristic
Fig. 11 Diode forward characteristic
Fig. 13 On-resistance vs. drain current
SKM 214A
3
05-04-2005 SEN
© by SEMIKRON


Similar Part No. - SKM214A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM200GA123D SEMIKRON-SKM200GA123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
logo
MacMic
SKM200GAH123DKL MACMIC-SKM200GAH123DKL Datasheet
259Kb / 6P
   1200V 200A CHOPPER Module RoHS Compliant
August 2011
logo
Semikron International
SKM200GAL123D SEMIKRON-SKM200GAL123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM200GAL123D SEMIKRON-SKM200GAL123D Datasheet
647Kb / 6P
   Trench IGBT Modules
SKM200GAL123D SEMIKRON-SKM200GAL123D Datasheet
649Kb / 6P
   IGBT Modules
More results

Similar Description - SKM214A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM453A020 SEMIKRON-SKM453A020 Datasheet
470Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020_08 Datasheet
444Kb / 4P
   Power MOSFET Modules
SKM313B010 SEMIKRON-SKM313B010 Datasheet
443Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR Datasheet
497Kb / 4P
   Power MOSFET Modules
SKM180A020 SEMIKRON-SKM180A020 Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM121AR SEMIKRON-SKM121AR Datasheet
438Kb / 4P
   Power MOSFET Modules
SKM111AR SEMIKRON-SKM111AR_08 Datasheet
503Kb / 4P
   Power MOSFET Modules
logo
IXYS Corporation
VMM15-045 IXYS-VMM15-045 Datasheet
35Kb / 2P
   Dual Power MOSFET Modules
logo
Sensitron
SPXXMXXX-XXX SENSITRON-SPXXMXXX-XXX Datasheet
87Kb / 7P
   Standard Industrial Grade MOSFET Power Modules
logo
Inchange Semiconductor ...
36MT10 ISC-36MT10 Datasheet
281Kb / 2P
   Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com