Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETH06 Datasheet(PDF) 4 Page - International Rectifier

Part # 15ETH06
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETH06 Datasheet(HTML) 4 Page - International Rectifier

  15ETH06 Datasheet HTML 1Page - International Rectifier 15ETH06 Datasheet HTML 2Page - International Rectifier 15ETH06 Datasheet HTML 3Page - International Rectifier 15ETH06 Datasheet HTML 4Page - International Rectifier 15ETH06 Datasheet HTML 5Page - International Rectifier 15ETH06 Datasheet HTML 6Page - International Rectifier 15ETH06 Datasheet HTML 7Page - International Rectifier 15ETH06 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
15ETH06PbF, 15ETH06FPPbF
Bulletin PD-20886 rev. A 10/06
4
www.irf.com
Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
t1,Rectangular Pulse Duration (Seconds)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
Fig. 6 - Max. Allowable Case Temperature
Vs. Average Forward Current
Average Forward Current - IF(AV)(A)
Fig. 7 - Max. Allowable Case Temperature
Vs. Average Forward Current (FULLPACK)
Fig. 8 - Forward Power Loss Characteristics
Average Forward Current - IF(AV)(A)
Average Forward Current - IF(AV)(A)
(3)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC;
Pd = Forward Power Loss =
I
F(AV) x VFM @ (IF(AV) / D)
(see Fig. 8);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D);
I
R @ VR1 = rated VR
0
20
40
60
80
100
120
140
160
180
0
4
8
12
16
20
24
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (3)
110
120
130
140
150
160
170
180
0
5
10
15
20
25
DC
Square wave (D = 0.50)
80% Rated Vr applied
see note (3)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5


Similar Part No. - 15ETH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETH06 IRF-15ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
logo
Inchange Semiconductor ...
15ETH06 ISC-15ETH06 Datasheet
264Kb / 2P
   Hyperfast Rectifier
logo
International Rectifier
15ETH06-1 IRF-15ETH06-1 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETH06-1 VISHAY-15ETH06-1 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
More results

Similar Description - 15ETH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com