Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1462ISKTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1462ISKTR
Description  High Output Current Charge Pump Doubler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462ISKTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1462ISKTR Datasheet HTML 1Page - Semtech Corporation SC1462ISKTR Datasheet HTML 2Page - Semtech Corporation SC1462ISKTR Datasheet HTML 3Page - Semtech Corporation SC1462ISKTR Datasheet HTML 4Page - Semtech Corporation SC1462ISKTR Datasheet HTML 5Page - Semtech Corporation SC1462ISKTR Datasheet HTML 6Page - Semtech Corporation SC1462ISKTR Datasheet HTML 7Page - Semtech Corporation SC1462ISKTR Datasheet HTML 8Page - Semtech Corporation SC1462ISKTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1462
Pin Configuration
Applications Information
Theory of Operation
The SC1462 utilizes a switched capacitor charge pump to
generate an output voltage approximately 2×V
IN.
An internal oscillator generates two out of phase fixed fre-
quency clock signals which turn on and off internal MOS-
FET switches. During phase 1, the flying charge pump
capacitor is charged to V
IN through switches S1 and S2.
During phase 2, the flying charge pump capacitor is con-
nected in series with the input voltage via S3 and S4, pro-
ducing an output voltage.
Short Circuit/Soft-Start
An internal current limit and soft-start circuit provides pro-
tection against output short circuit and limits large cur-
rent spikes generated during the initial start-up to charge
output capacitor.
If V
OUT is less than VIN - 200mV, then all switches are turned
off and V
OUT is charged with a 200mA current source from
V
IN. When VOUT reaches VIN - 200mV, the current source is
disconnected from output and the charge pump circuitry
is enabled again.
Output Current
The dropout voltage for a charge pump doubler is defined
as (2×V
IN) - VOUT. The maximum output current is usually
specified as that which will not cause the dropout voltage
to exceed the requirements of the application. The calcu-
lation of the dropout voltage is given in the capacitor se-
lection section on Page 6. Typical dropout voltages versus
I
OUT are graphed on Page 8.
Thermal Shutdown
The thermal shutdown circuit provides added protection
to the SC1462. During a V
OUT short circuit condition or if
the load is excessive, the over-temperature circuitry will
shut down the charge pump if the junction temperature
exceeds approximately 140°C. The charge pump is en-
abled only if the junction temperature drops to approxi-
mately 120°C. The SC1462 will cycle in and out of ther-
mal shut down until the short circuit or the excessive load
condition on V
OUT is removed, thereby improving device re-
liability. The junction temperature can be calculated from
the following formula if the ambient temperature (T
A) and
the charge pump power dissipation (P
DISS) are known.
T
J = TA + PDISS × θJA
; θ
JA = 230 °C/W
ON
S1,S2
OFF
Charge transfer from CIN to CBUCKET
ON
S3,S4
OFF
Charge transfer from:
CIN and CBUCKET to COUT (Doubler)
VOUT = 2 x VIN
Doubler
S4
12
VIN
CBUCKET
S1
12
S3
12
COUT
Cin
S2
12


Similar Part No. - SC1462ISKTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1462ISKTR SEMTECH-SC1462ISKTR Datasheet
95Kb / 9P
   HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
More results

Similar Description - SC1462ISKTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1462 SEMTECH-SC1462 Datasheet
95Kb / 9P
   HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
SC1462A SEMTECH-SC1462A Datasheet
182Kb / 9P
   High Efficency Charge Pump Doubler
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
   Doubler Charge Pump IC
NJW4190 NJRC-NJW4190 Datasheet
165Kb / 2P
   Doubler/Invert Charge Pump IC
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
   Charge Pump Doubler with Linear Regulator
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com