Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC600AIMSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC600AIMSTRT
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC600AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 9Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 10Page - Semtech Corporation SC600AIMSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Applications Information
Regulated Fractional Charge Pump Operation
A fractional charge pump is a voltage converter which
implements switched capacitor techniques to produce an
output voltage that is one of several multiples of the input
voltage. Regulated fractional charge pumps (also called
charge pump regulators) use a linear regulator with vari-
ous charge pump configurations to deliver a regulated out-
put over a wide input voltage range. Regulated fractional
charge pumps have improved efficiency over ordinary lin-
ear regulator and charge pump circuit combinations. The
improved efficiency is achieved by implementing multiple
charge pump configurations on one integrated circuit.
The correct charge pump configuration is automatically
selected to meet the regulation requirements at the best
possible efficiency. The SC600 has three charge pump
configurations (modes), which multiply the input voltage
by 1x, 1.5x and 2x.
The charge pump configurations are implemented with
two switched or 'bucket' capacitors plus the input and out-
put capacitor. The bucket capacitors are configured for 1x
mode at start-up to source current to the output capacitor
and bring the output up quickly. The charge pump will
begin switching in 1.5x mode. During normal operation,
starting with a fully charged Li-Ion cell, the battery voltage
will begin at about 4.1V. As the battery discharges and
the voltage decays, the SC600 will eventually transition to
2x mode when the battery voltage is approximately 3.50V.
Hysteresis is provided to prevent mode toggling. The out-
put is prevented from exceeding 6.0V. This feature allows
the use of 6.3V ceramic capacitors.
mAhXLiFETM Advantage
The plot on page 1 shows the efficiency of the SC600A.
An example of a 5.0V regulated charge pump doubler is
plotted to demonstrate how effective the SC600’s 1.5x
mode is at improving efficiency when the input voltage is
above 3.5V. Most of the Li-Ion battery life is above 3.5V
where the SC600 achieves more than 20% higher effi-
ciency compared to the 5.0V regulated charge pump dou-
bler with only a 2x mode. Following the efficiency curve
from left to right as the battery discharges, the SC600A
5.0V remains in 1.5x mode until 3.5V and then transitions
to 2x mode.
Component Versions
There are four versions of the SC600. The component
selection table on page 4 highlights the differences be-
tween the component types. The three basic differences
between the component versions are in the output volt-
age, maximum output current capability, and the mode
transition point.
The mode transition point is the value of input voltage at
which the component will transition between 1.5x and 2x
modes. 5.0V, 4.5V, and 4.0V versions are available. The
SC600A (5.0V) is most efficient for applications that use
up to 60mA. The SC600B (4.5V) and SC600C (4.5V) have
different maximum output currents and mode transition
points. The lower mode transition point of the SC600C
allows it to remain in 1.5x mode longer for greater power
savings.
The SC600B has higher output capability, up to 120mA,
and S600C is rated for 60mA. The SC600D (4.0V) is for
applications using up to 120mA.
Start-Up Conditions
Typical start-up time is less than 50μs. Caution: The SC600
must be enabled while 650kHz or 262kHz is selected to pre-
vent over-voltage during start-up.
LED Bias and Backlighting Applications
When using the SC600 for LED bias, note that the SC600C
and SC600D require the same input power per unit of
output current even though the SC600C is more efficient.
Also, the SC600A will have the same input power as the
SC600B though the SC600A is more efficient.
The following plots of Input Power vs. Input Voltage high-
light the differences in application of the four component
versions. To achieve the lowest possible input power, it
is desirable for the charge pump to remain in 1.5x mode
until the input voltage is as low as possible. The transi-
tion points from 1.5x to 2x are identified in the plot where
the input power steps upward as the input voltage moves
lower.


Similar Part No. - SC600AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
   Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
SC600-160 SOCAY-SC600-160 Datasheet
462Kb / 4P
   Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC600AIMSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
   CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com