Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1470EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1470EVB
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC1470EVB Datasheet HTML 1Page - Semtech Corporation SC1470EVB Datasheet HTML 2Page - Semtech Corporation SC1470EVB Datasheet HTML 3Page - Semtech Corporation SC1470EVB Datasheet HTML 4Page - Semtech Corporation SC1470EVB Datasheet HTML 5Page - Semtech Corporation SC1470EVB Datasheet HTML 6Page - Semtech Corporation SC1470EVB Datasheet HTML 7Page - Semtech Corporation SC1470EVB Datasheet HTML 8Page - Semtech Corporation SC1470EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Absolute Maximum Ratings (1)
Electrical Characteristics
Test Conditions: V
BAT = 15V, EN/PSV = 5V, VCCA = VDDP = 5V, VOUT = 1.25V, RTON = 1MΩ
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
s
e
il
p
p
u
S
t
u
p
n
I
A
C
C
V
0
.
55
.
45
.
5V
P
D
D
V
0
.
55
.
45
.
5V
e
g
a
tl
o
V
t
u
p
n
I
T
A
B
Vs
n
0
0
8
>
e
m
it
ff
O8
.
15
2V
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
P
D
D
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
70
5
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
A
C
C
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
0
70
0
1
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
N
O
TR
N
O
T
M
1
=
5
1A
µ
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SV
0
=
V
S
P
/
N
E5
-0
1
-A
µ
A
C
C
V5
0
1A
µ
N
O
T
,
P
D
D
V0
1
A
µ
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.
Notes:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Measured in accordance with JESD51-1, JESD51-2 and JESD51-7.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
A
S
S
V
o
t
N
O
T
0
.
5
2
+
o
t
3
.
0
-V
D
N
G
P
o
t
T
S
B
,
H
D
0
.
0
3
+
o
t
3
.
0
-V
D
N
G
P
o
t
X
L
0
.
5
2
+
o
t
0
.
2
-V
A
S
S
V
o
t
D
N
G
P
3
.
0
+
o
t
3
.
0
-V
X
L
o
t
T
S
B
0
.
6
+
o
t
3
.
0
-V
D
N
G
P
o
t
P
D
D
V
,
M
I
L
I
,
L
D
0
.
6
+
o
t
3
.
0
-V
A
S
S
V
o
t
T
U
O
V
,
A
C
C
V
,
D
G
P
,
B
F
,
V
S
P
/
N
E
0
.
6
+
o
t
3
.
0
-V
T
U
O
V
,
D
G
P
,
B
F
,
V
S
P
/
N
E
o
t
A
C
C
V
0
.
6
+
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
2
(
θ
A
J
0
0
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°


Similar Part No. - SC1470EVB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC147 NJSEMI-SC147 Datasheet
155Kb / 3P
   Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1471 SEMTECH-SC1471 Datasheet
49Kb / 1P
   Power Supply Controller for Portable Pentium III SpeedStep Processors
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
   Portable IMVP-IV Dual Phase Power Supply Controller
More results

Similar Description - SC1470EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC411 SEMTECH-SC411 Datasheet
476Kb / 27P
   Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
   Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
   Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
   Dual Supply Synchronous Buck Controller
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
   Dual Supply Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com