Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4602BIMSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4602BIMSTR
Description  High Efficiency Synchronous, Step Down Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602BIMSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC4602BIMSTR Datasheet HTML 1Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 2Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 3Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602BIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Notes:
(1) Guaranteed by design.
(2) Guaranteed by characterization.
(3) Dead time delay from PDRV high to NDRV high is adaptive. As the phase node voltage drops below 600mV due to PDRV
high, NDRV will start to turn high.
Electrical Characteristics (Cont.)
yyww = Date Code (Example: 0012)
xxxxxxxx = Semtech Lot No. (Example: E901
01-1)
Marking Information
yyww = Date Code (Example: 0012)
xxxxxxxx = Semtech Lot No. (Example: E901
01-1)
Unless otherwise specified, V
CC = 3.3V, TA = -40
oC to 85oC, T
A = TJ.
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
)
.
t
n
o
C
(
s
t
u
p
t
u
O
r
e
v
i
r
D
l
e
n
n
a
h
C
-
P
d
n
a
l
e
n
n
a
h
c
-
N
e
m
i
T
e
s
i
R
t
u
p
t
u
O
V
R
D
N
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=5
1s
n
e
m
i
T
ll
a
F
t
u
p
t
u
O
V
R
D
N
)
1
(
C
,
V
3
.
3
=
s
g
V
T
U
O
F
n
0
.
1
=5
1s
n
y
a
l
e
D
e
m
it
d
a
e
D
)
h
g
i
h
V
R
D
N
o
t
h
g
i
h
V
R
D
P
(
)
1
(
e
v
it
p
a
d
a
y
a
l
e
D
e
m
it
d
a
e
D
)
w
o
l
V
R
D
P
o
t
w
o
l
V
R
D
N
(
)
1
(
0
5s
n


Similar Part No. - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
More results

Similar Description - SC4602BIMSTR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
   Low Input, High Efficiency Synchronous, Step Down Controller
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
   Low Input, High Efficiency Synchronous, Step Down Controller
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com