Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7022PJ-C Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV7022PJ-C
Description  34-Channel Symmetric Row Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7022PJ-C Datasheet(HTML) 3 Page - Supertex, Inc

  HV7022PJ-C Datasheet HTML 1Page - Supertex, Inc HV7022PJ-C Datasheet HTML 2Page - Supertex, Inc HV7022PJ-C Datasheet HTML 3Page - Supertex, Inc HV7022PJ-C Datasheet HTML 4Page - Supertex, Inc HV7022PJ-C Datasheet HTML 5Page - Supertex, Inc HV7022PJ-C Datasheet HTML 6Page - Supertex, Inc HV7022PJ-C Datasheet HTML 7Page - Supertex, Inc HV7022PJ-C Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV7022-C
VDD
Input
GND
VPP
GND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD
Recommended Operating Conditions
Input and Output Equivalent Circuits
Symbol
Parameter
Min
Max
Units
VDD
Logic supply voltage
10.8
13.2
V
V
PP
High voltage supply
230
V
V
IH
High-level input voltage
VDD = 10.8V
8.1
V
VDD = 13.2V
9.9
V
IL
Low-level input voltage
VDD = 10.8V
2.7
V
VDD = 13.2V
3.3
f
CLK
Clock frequency
4
MHz
TA
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
I
OD
Allowable pulse current through output diodes
±300
mA
Note:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
5. The VPP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.


Similar Part No. - HV7022PJ-C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022PJ-C SUTEX-HV7022PJ-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022PJ-C-G MICROCHIP-HV7022PJ-C-G Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
More results

Similar Description - HV7022PJ-C

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022 MICROCHIP-HV7022 Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
   Symmetric Dual N-Channel Shielded Gate PowerTrench
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
logo
Vincotech
10-FZ07NBA100SM10-M305L68 VINCOTECH-10-FZ07NBA100SM10-M305L68 Datasheet
1Mb / 16P
   Symmetric booster
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com