Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9110NG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9110NG-G
Description  High-Voltage Current-Mode PWM Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9110NG-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV9110NG-G Datasheet HTML 1Page - Supertex, Inc HV9110NG-G Datasheet HTML 2Page - Supertex, Inc HV9110NG-G Datasheet HTML 3Page - Supertex, Inc HV9110NG-G Datasheet HTML 4Page - Supertex, Inc HV9110NG-G Datasheet HTML 5Page - Supertex, Inc HV9110NG-G Datasheet HTML 6Page - Supertex, Inc HV9110NG-G Datasheet HTML 7Page - Supertex, Inc HV9110NG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HV9110
Typical Performance Curves
PSRR — Error Amplifier and Reference
1M
10K
100
100K
1K
10
Output Switching Frequency
vs. Oscillator Resistance
1M
100 k
10k
10k
ROSC (Ω)
80
70
60
50
40
30
20
10
0
-10
100
1K
10K
Error Amplifier
Open Loop Gain/Phase
100K
1M
180
120
60
0
-60
-120
-180
Frequency (Hz)
10
6
10
5
10
4
10
3
10
2
10
1
.1
10MHz
1MHz
100Hz
1KHz
10KHz
Error Amplifier Output Impedance (Z0)
100KHz
0
-10
-20
-30
-40
-50
-60
-70
-80
100k
1M
Bias Resistance (
Ω)
107
106
105
1
10
100
V
DD = 10V
V
DD = 12V
Frequency (Hz)
Frequency
RDISCHARGE vs. tOFF (9113 only)
RDISCHARGE (Ω)
103
10-1
102
103
104
R
OSC = 10 0K
R
OSC = 10 K
R
OSC = 1K
104
100
105
101
106
102
Fig. 1
Fig. 2
Fig. 5
Fig. 3
Fig. 4
Fig. 6


Similar Part No. - HV9110NG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9110NG-G MICROCHIP-HV9110NG-G Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
More results

Similar Description - HV9110NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com