Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5630PG Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV5630PG
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5630PG Datasheet(HTML) 5 Page - Supertex, Inc

  HV5630PG Datasheet HTML 1Page - Supertex, Inc HV5630PG Datasheet HTML 2Page - Supertex, Inc HV5630PG Datasheet HTML 3Page - Supertex, Inc HV5630PG Datasheet HTML 4Page - Supertex, Inc HV5630PG Datasheet HTML 5Page - Supertex, Inc HV5630PG Datasheet HTML 6Page - Supertex, Inc HV5630PG Datasheet HTML 7Page - Supertex, Inc HV5630PG Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HV5522/HV5530/HV5622/HV5630
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package
Pin Configurations
HV56
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HV
OUT 17
23
Clock
2HV
OUT 16
24
V
SS
3HV
OUT 15
25
V
DD
4HV
OUT 14
26
Latch Enable
5HV
OUT 13
27
Data In
6HV
OUT 12
28
Blanking
7HV
OUT 11
29
N/C
8HV
OUT 10
30
HV
OUT 32
9HV
OUT 931
HV
OUT 31
10
HV
OUT 832
HV
OUT 30
11
HV
OUT 733
HV
OUT 29
12
HV
OUT 634
HV
OUT 28
13
HV
OUT 535
HV
OUT 27
14
HV
OUT 436
HV
OUT 26
15
HV
OUT 337
HV
OUT 25
16
HV
OUT 238
HV
OUT 24
17
HV
OUT 139
HV
OUT 23
18
Data Out
40
HV
OUT 22
19
N/C
41
HV
OUT 21
20
N/C
42
HV
OUT 20
21
N/C
43
HV
OUT 19
22
Polarity
44
HV
OUT 18
Package Outline
HV55
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 16
23
Clock
2HVOUT 17
24
VSS
3HVOUT 18
25
VDD
4HVOUT 19
26
Latch Enable
5HVOUT 20
27
Data In
6HVOUT 21
28
Blanking
7HVOUT 22
29
N/C
8HVOUT 23
30
HVOUT 1
9HVOUT 24
31
HVOUT 2
10
HVOUT 25
32
HVOUT 3
11
HVOUT 26
33
HVOUT 4
12
HVOUT 27
34
HVOUT 5
13
HVOUT 28
35
HVOUT 6
14
HVOUT 29
36
HVOUT 7
15
HVOUT 30
37
HVOUT 8
16
HVOUT 31
38
HVOUT 9
17
HVOUT 32
39
HVOUT 10
18
Data Out
40
HVOUT 11
19
N/C
41
HVOUT 12
20
N/C
42
HVOUT 13
21
N/C
43
HVOUT 14
22
Polarity
44
HVOUT 15


Similar Part No. - HV5630PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5630PG SUTEX-HV5630PG Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5630PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com