Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9408PJ Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9408PJ
Description  32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9408PJ Datasheet(HTML) 5 Page - Supertex, Inc

  HV9408PJ Datasheet HTML 1Page - Supertex, Inc HV9408PJ Datasheet HTML 2Page - Supertex, Inc HV9408PJ Datasheet HTML 3Page - Supertex, Inc HV9408PJ Datasheet HTML 4Page - Supertex, Inc HV9408PJ Datasheet HTML 5Page - Supertex, Inc HV9408PJ Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV9308/HV9408
Pin Configuration
Package Outline
HV93
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HV
OUT 17
23
GND
2HV
OUT 16
24
V
PP
3HV
OUT 15
25
V
DD
4HV
OUT 14
26
Latch Enable
5HV
OUT 13
27
Data In
6HV
OUT 12
28
Output Enable
7HV
OUT 11
29
N/C
8HV
OUT 10
30
HV
OUT 32
9HV
OUT 931
HV
OUT 31
10
HV
OUT 832
HV
OUT 30
11
HV
OUT 733
HV
OUT 29
12
HV
OUT 634
HV
OUT 28
13
HV
OUT 535
HV
OUT 27
14
HV
OUT 436
HV
OUT 26
15
HV
OUT 337
HV
OUT 25
16
HV
OUT 238
HV
OUT 24
17
HV
OUT 139
HV
OUT 23
18
Data Out
40
HV
OUT 22
19
N/C
41
HV
OUT 21
20
N/C
42
HV
OUT 20
21
N/C
43
HV
OUT 19
22
Clock
44
HV
OUT 18
HV94
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HV
OUT 16
23
GND
2HV
OUT 17
24
V
PP
3HV
OUT 18
25
V
DD
4HV
OUT 19
26
Latch Enable
5HV
OUT 20
27
Data In
6HV
OUT 21
28
Output Enable
7HV
OUT 22
29
N/C
8HV
OUT 23
30
HV
OUT 1
9HV
OUT 24
31
HV
OUT 2
10
HV
OUT 25
32
HV
OUT 3
11
HV
OUT 26
33
HV
OUT 4
12
HV
OUT 27
34
HV
OUT 5
13
HV
OUT 28
35
HV
OUT 6
14
HV
OUT 29
36
HV
OUT 7
15
HV
OUT 30
37
HV
OUT 8
16
HV
OUT 31
38
HV
OUT 9
17
HV
OUT 32
39
HV
OUT 10
18
Data Out
40
HV
OUT 11
19
N/C
41
HV
OUT 12
20
N/C
42
HV
OUT 13
21
N/C
43
HV
OUT 14
22
Clock
44
HV
OUT 15
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin J-Lead Package


Similar Part No. - HV9408PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9408PJ SUTEX-HV9408PJ Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9408PJ-G SUTEX-HV9408PJ-G Datasheet
638Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9408PJ-GM903 SUTEX-HV9408PJ-GM903 Datasheet
638Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV9408PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com