Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1302B Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1302B
Description  Dual High Speed Low-Side MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1302B Datasheet HTML 2Page - Semtech Corporation SC1302B Datasheet HTML 3Page - Semtech Corporation SC1302B Datasheet HTML 4Page - Semtech Corporation SC1302B Datasheet HTML 5Page - Semtech Corporation SC1302B Datasheet HTML 6Page - Semtech Corporation SC1302B Datasheet HTML 7Page - Semtech Corporation SC1302B Datasheet HTML 8Page - Semtech Corporation SC1302B Datasheet HTML 9Page - Semtech Corporation SC1302B Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC1302A/B/C/D/E/F
PRELIMINARY
POWER MANAGEMENT
Outline Drawing - SO-8
Contact Information
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Land Pattern - SO-8
SEE DETAIL
DETAIL
A
A
.050 BSC
.236 BSC
8
.010
.150
.189
.154
.193
.012
-
8
0.25
1.27 BSC
6.00 BSC
3.90
4.90
-
.157
.197
3.80
4.80
.020 0.31
4.00
5.00
0.51
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
2X
12
N
A
D
A1
E1
bbb
C A-B D
ccc C
e/2
A2
(.041)
.004
.008
-
.028
-
-
-
-
.016
.007
.049
.004
.053
0.20
0.10
-
0.40
0.17
1.25
0.10
.041
.010
.069
.065
.010
1.35
(1.04)
0.72
-
1.04
0.25
-
-
-
1.75
1.65
0.25
0.25
-
.010
.020
0.50
-
c
L
(L1)
01
0.25
GAGE
PLANE
h
h
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
PLANE
REFERENCE JEDEC STD MS-012, VARIATION AA.
4.
L1
N
01
bbb
aaa
ccc
A
b
A2
A1
D
E
E1
L
h
e
c
DIM
MIN
MILLIMETERS
NOM
DIMENSIONS
INCHES
MIN
MAX
MAX
NOM
E
(.205)
(5.20)
Z
G
Y
P
(C)
3.00
.118
1.27
.050
0.60
.024
2.20
.087
7.40
.291
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 300A.
2.


Similar Part No. - SC1302B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302B SEMTECH-SC1302B Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302B SEMTECH-SC1302B Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302BIMSTRT SEMTECH-SC1302BIMSTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302BIMSTRT SEMTECH-SC1302BIMSTRT Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302BISTRT SEMTECH-SC1302BISTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
More results

Similar Description - SC1302B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
   High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
[Old version datasheet]   Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com