Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4431CSK-X Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4431CSK-X
Description  Shunt Regulator With Open Collector Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4431CSK-X Datasheet(HTML) 6 Page - Semtech Corporation

  SC4431CSK-X Datasheet HTML 1Page - Semtech Corporation SC4431CSK-X Datasheet HTML 2Page - Semtech Corporation SC4431CSK-X Datasheet HTML 3Page - Semtech Corporation SC4431CSK-X Datasheet HTML 4Page - Semtech Corporation SC4431CSK-X Datasheet HTML 5Page - Semtech Corporation SC4431CSK-X Datasheet HTML 6Page - Semtech Corporation SC4431CSK-X Datasheet HTML 7Page - Semtech Corporation SC4431CSK-X Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4431
Shunt Regulator With
Open Collector Output
Typical Gain Phase
R3
5.1k
R1
1k for 2mA
J5
Signal In
1
2
3
4
5
C3
33n
C5
22u
R2
3.16k
U1
SC4431
1
2
3
4
5
VCC
GND
NC
REF
OUT
C2
0.1u
J4
GND
1
2V OUT
C6
22u
C4
22u
C7
22n
C1
10u
J3
4V IN
1
J1
A
12345
J2
R
12345
R4
4.99k
Gain Phase Test Circuit
SC4431 Gain / Phase Vin = 2V, Iout = 2mA, Vout = 1.6V
-20
-10
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Freq (Hz)
-150
-100
-50
0
50
100
150
200
Gain
Phase
SC4431 Gain / Phase Vin = 4V, Iout = 2mA, Vout = 2V
-20
-10
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
1000000
Freq (Hz)
-100
-50
0
50
100
150
200
Gain
Phase


Similar Part No. - SC4431CSK-X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4431CSK-0.5TR SEMTECH-SC4431CSK-0.5TR Datasheet
51Kb / 5P
   SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431CSK-1TR SEMTECH-SC4431CSK-1TR Datasheet
51Kb / 5P
   SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431CSK-2TR SEMTECH-SC4431CSK-2TR Datasheet
51Kb / 5P
   SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
More results

Similar Description - SC4431CSK-X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4431 SEMTECH-SC4431 Datasheet
51Kb / 5P
   SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
   Adjustable 0.6V Open Collector Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
   MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
STMicroelectronics
ST1S14 STMICROELECTRONICS-ST1S14 Datasheet
2Mb / 46P
   Power good open collector output
March 2013 Rev 2
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
   MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Honeywell Solid State E...
SDP8304 HONEYWELL-SDP8304 Datasheet
395Kb / 4P
   Optoschmitt Detector Open-Collector Output
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
logo
NTE Electronics
NTE3092 NTE-NTE3092 Datasheet
25Kb / 3P
   Optoisolator Open Collector, NPN Transistor Output
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com