Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9911 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9911
Description  Switch-Mode LED Driver IC with High Current Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9911 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9911 Datasheet HTML 1Page - Supertex, Inc HV9911 Datasheet HTML 2Page - Supertex, Inc HV9911 Datasheet HTML 3Page - Supertex, Inc HV9911 Datasheet HTML 4Page - Supertex, Inc HV9911 Datasheet HTML 5Page - Supertex, Inc HV9911 Datasheet HTML 6Page - Supertex, Inc HV9911 Datasheet HTML 7Page - Supertex, Inc HV9911 Datasheet HTML 8Page - Supertex, Inc HV9911 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
HV9911
T
DELAY2
Delay to output of C
LIMIT comparator
-
-
180
ns
COMP = V
DD ; CLIM = 300mV ;
V
CS = 0 to 400mV step
V
OFFSET
Comparator offset voltage
-10
-
10
mV
---
Internal Transconductance Opamp
GB
Gain bandwidth product#
-
1.0
-
MHz
75pF capacitance at COMP pin
A
V
Open loop DC gain
66
-
-
dB
Output Open
V
CM
Input common-mode range#
-0.3
-
3.0
V
---
V
O
Output voltage range#
0.7
-
6.75
-
V
DD = 7.75V
g
m
Transconductance
340
435
530
µA/V
---
V
OFFSET
Input offset voltage
-2.0
-
4.0
mV
---
I
BIAS
Input bias current#
-
0.5
1.0
nA
---
Oscillator
f
OSC1
Oscillator frequency*
88
100
112
kHz
R
T = 909kΩ
f
OSC2
Oscillator frequency*
308
350
392
kHz
R
T = 261kΩ
D
MAX
Maximum duty cycle
-
90
-
%
---
I
OUTSYNC
Sync output current
-
10
20
µA
---
I
INSYNC
Sync input current
0
-
200
µA
V
SYNC < 0.1V
Output Short Circuit
T
OFF
Propagation time for short circuit
detection
-
-
250
ns
I
REF = 200mV ; FDBK = 450mV;
FAULT goes from high to low
T
RISE,FAULT
Fault output rise time
-
-
300
ns
1nF capacitor at FAULT pin
T
FALL,FAULT
Fault output fall time
-
-
200
ns
1nF capacitor at FAULT pin
G
FAULT
Amplifier gain at I
REF pin
1.8
2
2.2
I
REF = 200mV
Soft Start
I
CLIM
Current into C
LIM pin when pulled
low
-
-
200
µA
FAULT is low ; 06.25k resistor
between REF and C
LIM
Slope Compensation
I
SLOPE
Current sourced out of SC pin
0
-
100
µA
---
G
SLOPE
Internal current mirror ratio
1.8
2
2.2
-
I
SLOPE = 50µA ; RCSENSE = 1kΩ
1 See application section for minimum input voltage.
2 Parameters are not guaranteed to be within specifications if the external V
DD voltage is greater than VDD(ext) or
if V
DD < 7.25V.
* Specifications which apply over the full operating ambient temperature range of -40°C < T
A < +85°C.
# Guaranteed by design.
Symbol
Parameter
Min
Typ
Max
Units
Conditions


Similar Part No. - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
More results

Similar Description - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
   Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
   Switch-mode LED Driver IC with High Current Accuracy
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
   LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
   Automotive LED Driver IC with High Current Accuracy
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com