Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-7.5A Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # TGL41-7.5A
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL41-7.5A Datasheet(HTML) 3 Page - Diotec Semiconductor

  TGL41-7.5A Datasheet HTML 1Page - Diotec Semiconductor TGL41-7.5A Datasheet HTML 2Page - Diotec Semiconductor TGL41-7.5A Datasheet HTML 3Page - Diotec Semiconductor TGL41-7.5A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TGL41-6.8 ... TGL41-440CA, TGL41-520
Maximum ratings
Grenzwerte
Type
Typ
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
TGL41-56
56 ± 10%
50.4...61.6
45.4
5
81
5.2
TGL41-56A
56 ± 5%
53.2...58.8
47.8
5
77
5.4
TGL41-62
62 ± 10%
55.8...68.8
50.2
5
89
4.7
TGL41-62A
62 ± 5%
58.9...65.1
53.0
5
85
5.0
TGL41-68
68 ± 10%
61.2...74.8
55.1
5
98
4.2
TGL41-68A
68 ± 5%
64.6...71.4
58.1
5
92
4.5
TGL41-75
75 ± 10%
67.5...82.5
60.7
5
108
3.8
TGL41-75A
75 ± 5%
71.3...78.8
64.1
5
103
4.0
TGL41-82
82 ± 10%
73.8...90.2
66.4
5
118
3.5
TGL41-82A
82 ± 5%
77.9...86.1
70.1
5
113
3.7
TGL41-91
91 ± 10%
81.9...100
73.7
5
131
3.2
TGL41-91A
91 ± 5%
86.5...95.5
77.8
5
125
3.3
TGL41-100
100 ± 10%
90.0...110
81.0
5
144
2.9
TGL41-100A
100 ± 5%
95.0...105
85.5
5
137
3.0
TGL41-110
110 ± 10%
99.0...121
89.2
5
158
2.6
TGL41-110A
110 ± 5%
105...116
94.0
5
152
2.7
TGL41-120
120 ± 10%
108...132
97.2
5
173
2.4
TGL41-120A
120 ± 5%
114...126
102
5
165
2.5
TGL41-130
130 ± 10%
117...143
105
5
187
2.2
TGL41-130A
130 ± 5%
124...137
111
5
179
2.3
TGL41-150
150 ± 10%
135...165
121
5
215
1.9
TGL41-150A
150 ± 5%
143...158
128
5
207
2.0
TGL41-160
160 ± 10%
144...176
130
5
230
1.8
TGL41-160A
160 ± 5%
152...168
136
5
219
1.9
TGL41-170
170 ± 10%
153...187
138
5
244
1.7
TGL41-170A
170 ± 5%
162...179
145
5
234
1.8
TGL41-180
180 ± 10%
162...198
146
5
258
1.6
TGL41-180A
180 ± 5%
171...189
154
5
246
1.7
TGL41-200
200 ± 10%
180...220
162
5
287
1.4
TGL41-200A
200 ± 5%
190...210
171
5
274
1.5
TGL41-220
220 ± 10%
198...242
175
5
344
1.2
TGL41-220A
220 ± 5%
209...231
185
5
328
1.2
TGL41-250
250 ± 10%
225...275
202
5
360
1.1
TGL41-250A
250 ± 5%
237...263
214
5
344
1.2
TGL41-300
300 ± 10%
270...330
243
5
430
0.9
TGL41-300A
300 ± 5%
285...315
256
5
414
1.0
TGL41-350
350 ± 10%0
315...385
284
5
504
0.8
TGL41-350A
350 ± 5%
332...368
300
5
482
0.8
TGL41-400
400 ± 10%
360...440
324
5
574
0.7
TGL41-400A
400 ± 5%
380...420
342
5
548
0.7
TGL41-440
440 ± 10%
396...484
356
5
631
0.6
TGL41-440A
440 ± 5%
418...462
376
5
602
0.7
TGL41-520
520 ± 10%
470...570
423
5
745
0.5
© Diotec Semiconductor AG
http://www.diotec.com/
3


Similar Part No. - TGL41-7.5A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-7.5A DIOTEC-TGL41-7.5A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-7.5A MICROSEMI-TGL41-7.5A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-7.5A MICROSEMI-TGL41-7.5A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-7.5A VISHAY-TGL41-7.5A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
TAITRON Components Inco...
TGL41-7.5A TAITRON-TGL41-7.5A Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - TGL41-7.5A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0 Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com