Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV21716 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV21716
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV21716 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV21716 Datasheet HTML 2Page - Supertex, Inc HV21716 Datasheet HTML 3Page - Supertex, Inc HV21716 Datasheet HTML 4Page - Supertex, Inc HV21716 Datasheet HTML 5Page - Supertex, Inc HV21716 Datasheet HTML 6Page - Supertex, Inc HV21716 Datasheet HTML 7Page - Supertex, Inc HV21716 Datasheet HTML 8Page - Supertex, Inc HV21716 Datasheet HTML 9Page - Supertex, Inc HV21716 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
13-73
13
13
HV21716/HV21816
10K
Signal Voltage Frequency (Hz)
-20
100K
1M
10M
-40
-60
-80
-100
-120
Off Isolation vs Signal Voltage Frequency
100K
Analog Signal Frequency (Hz)
-50
1M
10M
100M
-60
-70
-80
-90
-100
Crosstalk vs Analog Signal Frequency
70 C
°
0 C
°
I
vs CLK Frequency
10K
CLK Frequency (Hz)
V
DD = 15V, VPP/VNN = ±80V, TA = 0°C to 70°C
1
100K
1M
10M
2
3
4
5
6
DD
V
DD = 15V, VPP/VNN = ±80V
V
DD = 15V, VPP/VNN = ±80V
Typical Performance Curves
– OBSOLETE


Similar Part No. - HV21716

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2116 SUTEX-HV2116 Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV2116PJ SUTEX-HV2116PJ Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV2116X SUTEX-HV2116X Datasheet
90Kb / 9P
   8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
61Kb / 7P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
HV214 SUTEX-HV214 Datasheet
792Kb / 9P
   250V Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV21716

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com