Electronic Components Datasheet Search |
|
C8051F330-GP Datasheet(PDF) 1 Page - Silicon Laboratories |
|
C8051F330-GP Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 216 page Mixed Signal ISP Flash MCU Family C8051F330/1/2/3/4/5 Rev. 1.5 1/06 Copyright © 2006 by Silicon Laboratories C8051F33x This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Peripherals - 10-Bit ADC (‘F330/2/4 only) • Up to 200 ksps • Up to 16 external single-ended or differential inputs • VREF from internal VREF, external pin or VDD • Internal or external start of conversion source • Built-in temperature sensor - 10-Bit Current Output DAC (‘F330 only) - Comparator • Programmable hysteresis and response time • Configurable as interrupt or reset source • Low current (0.4 µA) On-Chip Debug - On-chip debug circuitry facilitates full speed, non- intrusive in-system debug (no emulator required) - Provides breakpoints, single stepping, inspect/modify memory and registers - Superior performance to emulation systems using ICE-chips, target pods, and sockets - Low cost, complete development kit Supply Voltage 2.7 to 3.6 V - Typical operating current: 6.4 mA at 25 MHz; 9 µA at 32 kHz - Typical stop mode current: 0.1 µA Temperature Range: –40 to +85 °C High Speed 8051 µC Core - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks - Up to 25 MIPS throughput with 25 MHz clock - Expanded interrupt handler Memory - 768 bytes internal data RAM (256 + 512) - 8 kB (‘F330/1), 4 kB (‘F332/3), or 2 kB (‘F334/5) Flash; In-system programmable in 512-byte Sec- tors—512 bytes are reserved in the 8 kB devices Digital Peripherals - 17 Port I/O; All 5 V tolerant with high sink current - Hardware enhanced UART, SMBus™, and enhanced SPI™ serial ports - Four general purpose 16-bit counter/timers - 16-Bit programmable counter array (PCA) with three capture/compare modules - Real time clock mode using PCA or timer and exter- nal clock source Clock Sources - Two internal oscillators: • 24.5 MHz with ±2% accuracy supports crystal-less UART operation • 80/40/20/10 kHz low frequency, low power - External oscillator: Crystal, RC, C, or clock (1 or 2 pin modes) - Can switch between clock sources on-the-fly; useful in power saving modes 20-Pin QFN or 20-pin PDIP ANALOG PERIPHERALS 2/4/8 kB ISP FLASH 768 B SRAM POR DEBUG CIRCUITRY FLEXIBLE INTERRUPTS 8051 CPU (25 MIPS) DIGITAL I/O 24.5 MHz PRECISION INTERNAL OSCILLATOR HIGH-SPEED CONTROLLER CORE VOLTAGE COMPARATOR + - WDT UART SMBus PCA Timer 0 Timer 1 Timer 2 Timer 3 Port 0 SPI 10-bit Current DAC LOW FREQUENCY INTERNAL OSCILLATOR Port 1 P2.0 10-bit 200 ksps ADC TEMP SENSOR A M U X ‘F330/2/4 only ‘F330 only |
Similar Part No. - C8051F330-GP |
|
Similar Description - C8051F330-GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |