Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP0120 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VP0120
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP0120 Datasheet(HTML) 1 Page - Supertex, Inc

  VP0120 Datasheet HTML 1Page - Supertex, Inc VP0120 Datasheet HTML 2Page - Supertex, Inc VP0120 Datasheet HTML 3Page - Supertex, Inc VP0120 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7-223
9
7
VP0120
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS structures, these
devices are free from thermal runaway and thermally-induced
secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Note: See Package Outline section for dimensions.
P-Channel Enhancement-Mode
Vertical DMOS FETs
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Applications
Motor controls
Converters
Amplifiers
Switches
Power supply circuits
Drivers (relays, hammers, solenoids, lamps, memories,
displays, bipolar transistors, etc.)
Features
Free from secondary breakdown
Low power drive requirement
Ease of paralleling
Low C
ISS and fast switching speeds
Excellent thermal stability
Integral Source-Drain diode
High input impedance and high gain
Complementary N- and P-channel devices
Order Number / Package
BV
DSS /RDS(ON)
I
D(ON)
BVDGS
(max)
(min)
TO-92
Die
-200V
25Ω
-100mA
VP0120N3
VP0120ND
†MIL visual screening available
Ordering Information
TO-92
S G D
– OBSOLETE


Similar Part No. - VP0120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
225Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
684Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
VP0104 MICROCHIP-VP0104 Datasheet
759Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
Rev.A. April 2022
logo
New Jersey Semi-Conduct...
VP0104N2 NJSEMI-VP0104N2 Datasheet
90Kb / 1P
   P-Channel Enhancement-Mode
More results

Similar Description - VP0120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com