Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30FD1PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4BC30FD1PBF
Description  Fast CoPack IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FD1PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4BC30FD1PBF Datasheet HTML 3Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 4Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 5Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 6Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 7Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 8Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 9Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 10Page - International Rectifier IRG4BC30FD1PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRG4BC30FD1PbF
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
100 200 300 400 500 600 700 800 900 1000
diF/dt (A/µs)
0
25
50
75
100
125
150
175
200
VR = 390V
TJ = 25°C _____
TJ = 125°C ----------
IF = 16A
IF = 8A
100 200 300 400 500 600 700 800 900 1000
diF/dt (A/µs)
0
100
200
300
400
500
600
700
800
900
1000
VR = 390V
TJ = 25°C _____
TJ = 125°C ----------
IF = 16A
IF = 8A
100 200 300 400 500 600 700 800 900 1000
diF/dt (A/µs)
0
200
400
600
800
1000
1200
1400
VR = 390V
TJ = 25°C _____
TJ = 125°C ----------
IF = 16A
IF = 8A
100 200 300 400 500 600 700 800 900 1000
diF/dt (A/µs)
0
5
10
15
20
VR = 390V
TJ = 25°C _____
TJ = 125°C ----------
IF = 16A
IF = 8A


Similar Part No. - IRG4BC30FD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF Datasheet
415Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
IRG4BC30FD1PBF IRF-IRG4BC30FD1PBF_15 Datasheet
415Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH HYPERFAST DIODE
More results

Similar Description - IRG4BC30FD1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UD-SPBF IRF-IRG4BC20UD-SPBF_15 Datasheet
365Kb / 11P
   ULTRA FAST COPACK IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF_15 Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
IRG4BC20UDPBF IRF-IRG4BC20UDPBF_15 Datasheet
376Kb / 10P
   ULTRA FAST COPACK IGBT
IRG4BC20UDPBF IRF-IRG4BC20UDPBF Datasheet
351Kb / 11P
   UltraFast CoPack IGBT
IRG4BC20FD-SPBF IRF-IRG4BC20FD-SPBF Datasheet
298Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
279Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
logo
Advanced Power Technolo...
APT33GF120BR ADPOW-APT33GF120BR Datasheet
89Kb / 5P
   Fast IGBT
APT11GF120KR ADPOW-APT11GF120KR Datasheet
25Kb / 2P
   FAST IGBT
logo
International Rectifier
IRG4PC30FDPBF IRF-IRG4PC30FDPBF Datasheet
384Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack 1GBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com