Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR645N5-G Datasheet(PDF) 9 Page - Supertex, Inc

Part # LR645N5-G
Description  High Input Voltage SMPS Start-up / Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645N5-G Datasheet(HTML) 9 Page - Supertex, Inc

  LR645N5-G Datasheet HTML 1Page - Supertex, Inc LR645N5-G Datasheet HTML 2Page - Supertex, Inc LR645N5-G Datasheet HTML 3Page - Supertex, Inc LR645N5-G Datasheet HTML 4Page - Supertex, Inc LR645N5-G Datasheet HTML 5Page - Supertex, Inc LR645N5-G Datasheet HTML 6Page - Supertex, Inc LR645N5-G Datasheet HTML 7Page - Supertex, Inc LR645N5-G Datasheet HTML 8Page - Supertex, Inc LR645N5-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
LR645
(The package drawings in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-LR645
B050807
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.13
1.50
BSC
3.00
BSC
3.94
0.89
NOM
-
-------
-
-
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
Drawings not to scale.
4
2
1
D
E H
e1
e
b1
3
D1
E1
A
C
L
Top View
Side View
b


Similar Part No. - LR645N5-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645N5 SUTEX-LR645N5 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645N5-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
   High-Input Voltage SMPS Start-up
01/27/15
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
   High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
   High Input Voltage SMPS Start-up Circuit
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
   1.3V Start-up Input Voltage
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
   High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com