Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS32M8CS-5T Datasheet(PDF) 9 Page - NanoAmp Solutions, Inc.

Part # NT5DS32M8CS-5T
Description  256Mb DDR Synchronous DRAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS32M8CS-5T Datasheet(HTML) 9 Page - NanoAmp Solutions, Inc.

Back Button NT5DS32M8CS-5T Datasheet HTML 5Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 6Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 9Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 10Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 11Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 12Page - NanoAmp Solutions, Inc. NT5DS32M8CS-5T Datasheet HTML 13Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Register Definition
Mode Register
The Mode Register is used to define the specific mode of operation of the DDR SDRAM. This definition includes the selection of
a burst length, a burst type, a CAS latency, and an operating mode. The Mode Register is programmed via the Mode Register
Set command (with BA0 = 0 and BA1 = 0) and retains the stored information until it is programmed again or the device loses
power (except for bit A8, which is self-clearing).
Mode Register bits A0-A2 specify the burst length, A3 specifies the type of burst (sequential or interleaved), A4-A6 specify the
CAS latency, and A7-A12 specify the operating mode.
The Mode Register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the
subsequent operation. Violating either of these requirements results in unspecified operation.
Burst Length
Read and write accesses to the DDR SDRAM are burst oriented, with the burst length being programmable. The burst length
determines the maximum number of column locations that can be accessed for a given Read or Write command. Burst lengths
of 2, 4, or 8 locations are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result.
When a Read or Write command is issued, a block of columns equal to the burst length is effectively selected. All accesses for
that burst take place within this block, meaning that the burst wraps within the block if a boundary is reached. The block is
uniquely selected by A1-Ai when the burst length is set to two, by A2-Ai when the burst length is set to four and by A3-Ai when
the burst length is set to eight (where Ai is the most significant column address bit for a given configuration). The remaining
(least significant) address bit(s) is (are) used to select the starting location within the block. The programmed burst length
applies to both Read and Write bursts.
NT5DS64M4CT, NT5DS32M8CT, NT5DS16M16CT
NT5DS64M4CS, NT5DS32M8CS, NT5DS16M16CS
DOC # 14-02-044 Rev A ECN # 01-1116
The specifications of this device are subject to change without notice. For latest documentation, see http://www.nanoamp.com
9
NanoAmp Solutions, Inc.


Similar Part No. - NT5DS32M8CS-5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5DS32M8AT ETC-NT5DS32M8AT Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT ETC2-NT5DS32M8AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
NT5DS32M8AT-6 ETC-NT5DS32M8AT-6 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT-66 ETC-NT5DS32M8AT-66 Datasheet
269Kb / 27P
   256Mb DDR333/300 SDRAM
NT5DS32M8AT-75B ETC2-NT5DS32M8AT-75B Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
More results

Similar Description - NT5DS32M8CS-5T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com