Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0635N3 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN0635N3
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0635N3 Datasheet(HTML) 3 Page - Supertex, Inc

  TN0635N3 Datasheet HTML 1Page - Supertex, Inc TN0635N3 Datasheet HTML 2Page - Supertex, Inc TN0635N3 Datasheet HTML 3Page - Supertex, Inc TN0635N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-61
7
Output Characteristics
2.5
2.0
1.5
1.0
0.5
0
VDS (volts)
Saturation Characteristics
1.25
1.00
0.75
0.50
0.25
0
VDS (volts)
Maximum Rated Safe Operating Area
1
1000
100
10
0.01
0.1
1.0
0.001
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
tp (seconds)
Transconductance vs. Drain Current
0.5
0.4
0.3
0.2
0.1
0
0
0.5
0.1
0.2
0.3
0.4
ID (amperes)
Power Dissipation vs. Case Temperature
0
150
100
50
1.8
1.4
1.0
0.6
0.2
125
75
25
TC C)
°
(
TO-92
P
T
D
C
= 1W
TO-92
T= -55
A
C
°
T= 25
A
C
°
TA = 125 C
°
VDS = 25V
TO-92 (DC)
TC = 25°C
TO-92 (pulsed)
010
20
30
50
40
VGS = 10V
4V
2V
02
4
6
10
8
VGS = 10V
6V
4V
= 25 C
°
1.0
3V
5V
0
Typical Performance Curves
TN0635/TN0640
– OBSOLETE


Similar Part No. - TN0635N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0601L VISHAY-TN0601L Datasheet
53Kb / 4P
   N-Channel 60-V (D-S) MOSFETs
Rev. E, 16-Jul-01
logo
Supertex, Inc
TN0602 SUTEX-TN0602 Datasheet
33Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0604 SUTEX-TN0604 Datasheet
44Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0604 SUTEX-TN0604 Datasheet
732Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN0604N3 SUTEX-TN0604N3 Datasheet
44Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TN0635N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com