Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3789 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3789
Description  PNP POWER TRANSISTORS JEDEC TO-3 CASE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3789 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3789 Datasheet HTML 1Page - Central Semiconductor Corp 2N3789 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R1
2N3789
2N3790
2N3791
2N3792
PNP POWER TRANSISTORS
JEDEC TO-3 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR 2N3789 Series types are silicon power transistors manufactured by the epitaxial planar
process and designed for medium speed switching and amplifier applications.
MAXIMUM RATINGS (TC=25°C unless otherwise noted)
2N3789
2N3790
SYMBOL
2N3791
2N3792
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
10
A
Base Current
IB
4.0
A
Power Dissipation
PD
150
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +200
°C
Thermal Resistance
ΘJC
1.17
°C/W
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
2N3789
2N3790
2N3791
2N3792
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE= Rated VCEO, VEB=1.5V
1.0
1.0
mA
ICEV
VCE= Rated VCEO, VEB=1.5V, TC=150°C
5.0
5.0
mA
IEBO
VEB=7.0V
5.0
5.0
mA
BVCEO
IC=200mA
60
80
V
VCE(SAT)
IC=4.0A, IB=400mA (2N3789, 2N3790)
1.0
1.0
V
VCE(SAT)
IC=5.0A, IB=500mA (2N3791, 2N3792)
1.0
1.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3789, 2N3790)
2.0
2.0
V
VBE(ON)
VCE=2.0V, IC=5.0A (2N3791, 2N3792)
1.8
1.8
V
VBE(ON)
VCE=4.0V, IC=10A
4.0
4.0
V
hFE
VCE=2.0V, IC=1.0A (2N3789, 2N3790)
25
90
25
90
hFE
VCE=2.0V, IC=1.0A (2N3791, 2N3792)
50
180
50
180
hFE
VCE=2.0V, IC=3.0A (2N3789, 2N3790)
15
15
hFE
VCE=2.0V, IC=3.0A (2N3791, 2N3792)
30
30
fT
VCE=10V, IC=500mA, f=1.0MHz
4.0
4.0
MHz


Similar Part No. - 2N3789

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3789 MOSPEC-2N3789 Datasheet
116Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3789 ETC-2N3789 Datasheet
347Kb / 8P
   Power Transistors
logo
Comset Semiconductor
2N3789 COMSET-2N3789 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
logo
Seme LAB
2N3789 SEME-LAB-2N3789 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
More results

Similar Description - 2N3789

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6371 CENTRAL-2N6371 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
2N3798 CENTRAL-2N3798 Datasheet
117Kb / 2P
   PNP SILICON TRANSISTOR JEDEC TO-18 CASE
2N4208 CENTRAL-2N4208 Datasheet
91Kb / 2P
   PNP SILICON TRANSISTOR JEDEC TO-18 CASE
MJE13005 CENTRAL-MJE13005 Datasheet
120Kb / 2P
   NPN SILICON POWER TRANSISTOR JEDEC TO-220 CASE
BU406 CENTRAL-BU406 Datasheet
54Kb / 1P
   NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
New Jersey Semi-Conduct...
BCY30 NJSEMI-BCY30 Datasheet
83Kb / 1P
   PNP Silicon Transistors JEDEC TO39 Package
logo
Central Semiconductor C...
2N696 CENTRAL-2N696 Datasheet
140Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-39 CASE
2N4103 CENTRAL-2N4103 Datasheet
60Kb / 1P
   SILICON CONTROLLED RECTIFIER 16AMPS 220 THRU 800 VOLTS JEDEC TO-3 CASE
2N4256 CENTRAL-2N4256 Datasheet
86Kb / 2P
   NPN SILICON TRANSISTOR JEDEC TO-92 CASE(ECB)
logo
STANLEY ELECTRIC CO.,LT...
VFHL1111C-4B23C-TR STANLEY-VFHL1111C-4B23C-TR Datasheet
672Kb / 21P
   Equivalent to JEDEC level 3 (IPC/JEDEC J-STD-020D)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com