Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR036 Datasheet(PDF) 8 Page - Supertex, Inc

Part # SR036
Description  Inductorless, Dual Output Off-Line Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR036 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button SR036 Datasheet HTML 4Page - Supertex, Inc SR036 Datasheet HTML 5Page - Supertex, Inc SR036 Datasheet HTML 6Page - Supertex, Inc SR036 Datasheet HTML 7Page - Supertex, Inc SR036 Datasheet HTML 8Page - Supertex, Inc SR036 Datasheet HTML 9Page - Supertex, Inc SR036 Datasheet HTML 10Page - Supertex, Inc SR036 Datasheet HTML 11Page - Supertex, Inc SR036 Datasheet HTML 12Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
SR036/SR037
B092005
SR03 Circuit using GN2470 (no EMI Suppressor)
120VAC/60Hz Limits per 47CFR15.107 for Class B devices. 100mA total load.
Hot
Neutral


Similar Part No. - SR036

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR036 SUTEX-SR036 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR036DB1 SUTEX-SR036DB1 Datasheet
142Kb / 2P
   Inductorless Switching Power Supply
SR036MG SUTEX-SR036MG Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR036MG SUTEX-SR036MG Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR036

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com