Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR036MG Datasheet(PDF) 1 Page - Supertex, Inc

Part # SR036MG
Description  Inductorless, Dual Output Off-Line Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR036MG Datasheet(HTML) 1 Page - Supertex, Inc

  SR036MG Datasheet HTML 1Page - Supertex, Inc SR036MG Datasheet HTML 2Page - Supertex, Inc SR036MG Datasheet HTML 3Page - Supertex, Inc SR036MG Datasheet HTML 4Page - Supertex, Inc SR036MG Datasheet HTML 5Page - Supertex, Inc SR036MG Datasheet HTML 6Page - Supertex, Inc SR036MG Datasheet HTML 7Page - Supertex, Inc SR036MG Datasheet HTML 8Page - Supertex, Inc SR036MG Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
SR036/SR037
B092005
Inductorless, Dual Output Off-Line Regulators
SR036
SR037
General Description
The Supertex SR036 and SR037 are inductorless, dual output
off-line controllers, providing up to 1.0W of output power. They
do not require any transformers, inductors, or high voltage
input capacitors. The input voltage, HV
IN,
is designed to
operate from an unfiltered full wave rectified 120V or 230V AC
line. It is designed to control an external N-channel MOSFET
or IGBT. When HV
IN is less than 45V, the external transistor is
turned-on allowing it to charge an external capacitor connected
to VSOURCE. An unregulated DC voltage will develop on VSOURCE.
Once HV
IN is above 45V, the transistor is turned off. The
maximum gate voltage for the external transistor is 24V. The
unregulated voltage is approximately 18V. The SR036 also
provides a regulated 3.3V whereas the SR037 provides a
regulated 5.0V.
WARNING!!! Galvanic isolation is not provided. Dangerous
voltages are present when connected to the AC line. It is
the responsibility of the designer to assure adequate
safeguards are in place to protect the end user from
electrical shock.
Features
❑ Accepts peak input voltages up to 700V
❑ Operates directly off of rectified 120V AC or 230V AC
❑ Integrated linear regulator
❑ Minimal power dissipation
❑ No high voltage capacitors required
❑ No transformers or inductors required
❑ Up to 1.0W output power
Applications
❑ 3.3V or 5.0V power supplies
❑ SMPS house keeping power supplies
❑ White goods
❑ Appliances
❑ Small off-line low voltage power supplies
❑ Lighting controls
SR03x Typical Application Circuit
SR036
or SR037
470µF
1.0µF
SR036: VOUT = 3.3V Regulated
SR037: VOUT = 5.0V Regulated
~18V Unregulated
120VAC
or
230VAC
VOUT
VSOURCE
HVIN
GN2470
1.0µF
B092005
Not R
ecommended
Not R
ecom
men
ded
For Ne
w Designs!
For N
ew D
esign
s!


Similar Part No. - SR036MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036MG SUTEX-SR036MG Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR036MG SUTEX-SR036MG Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR036MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com