Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN0120N3 Datasheet(PDF) 4 Page - Supertex, Inc

Part # VN0120N3
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN0120N3 Datasheet(HTML) 4 Page - Supertex, Inc

  VN0120N3 Datasheet HTML 1Page - Supertex, Inc VN0120N3 Datasheet HTML 2Page - Supertex, Inc VN0120N3 Datasheet HTML 3Page - Supertex, Inc VN0120N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7-226
VP0120
Typical Performance Curves
Gate Drive Dynamic Characteristics
V(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
80
60
40
20
0
BVDSS Variation with Temperature
0
-10
-20
-30
-40
0-2
-4-6-8
-10
-50
0
50
100
150
1.10
1.06
1.02
0.98
0.94
0.90
2.0
1.6
1.2
0.8
0.4
0
-50
0
50
100
150
-1.0
-0.8
-0.6
-0.4
-0.2
VDS = -25V
TA = -55°C
TA = 25°C
TA = 125°C
f = 1MHz
-10
-8
-6
-4
-2
0.2
0.4
0.6
0.8
1.0
0
100 pF
VDS = -40V
VDS = -10V
50pF
100
80
60
40
20
0
-1.5
-0.3
-0.6
-0.9
-1.2
VGS = -5V
VGS = -10V
0
0
0
V(th) @ -1.0mA
RDS(ON) @ -10V, -100mA
RDS(ON) @ -5V, -50mA
1.25
1.0
0.75
100 pF
Tj (°C)
ID (amperes)
Tj (°C)
VGS (volts)
QG (nanocoulombs)
VDS (volts)
0.4
CISS
COSS
CRSS
– OBSOLETE


Similar Part No. - VN0120N3

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
VN01-016-0004-1 AMPHENOL-VN01-016-0004-1 Datasheet
1Mb / 20P
   amphenol-tuchel electronics gmbh
VN010150005 AMPHENOL-VN010150005 Datasheet
76Kb / 3P
   Crimp contacts Pin
VN010150039 AMPHENOL-VN010150039 Datasheet
76Kb / 3P
   Crimp contacts Pin
VN010160002 AMPHENOL-VN010160002 Datasheet
76Kb / 3P
   Crimp contacts Pin
VN010160003 AMPHENOL-VN010160003 Datasheet
76Kb / 3P
   Crimp contacts Pin
More results

Similar Description - VN0120N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com