Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC250 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ALC250
Description  TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALC250 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ALC250 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALC250 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
ALC250 Data Sheet
Two Channel AC’97 2.3 Audio Codec
Rev1.01
6
5.3 Filter/Reference/NC
Name
Type Pin No
Description
Characteristic Definition
VREF
-
27
Reference voltage
1uf capacitor to analog ground
VREFOUT
O
28
Ref. voltage out
Analog DC voltage output (2.5V / 4.0V)
AFILT1
-
29
ADC anti-aliasing filter
1000pf capacitor to analog ground.
AFILT2
-
30
ADC anti-aliasing filter
1000pf capacitor to analog ground.
NC
-
31
Not Connection
DC VOL
I
32
DC
Voltage
Volume
Control
Analog Input (AGND~AVDD)
VREFOUT2
O
33
Secondary Ref. voltage out
Analog DC voltage output (2.5V / 4.0V)
VREFOUT3
O
37
Third Ref. voltage out
Analog DC voltage output (2.5V / 4.0V)
VAUX
I
34
Auxiliary Power to keep CD
and amplifier turned on.
+5V analog stand-by power
NC
-
40
Not Connection
NC
-
45
Not Connection
Total: 11 Pins
5.4 Power/Ground
Name
Type Pin No
Description
Characteristic Definition
AVDD1
I
25
Analog VDD (5.0V or 3.3V)
AVDD2
I
38
Analog VDD (5.0V or 3.3V)
AVSS1
I
26
Analog GND
AVSS2
I
42
Analog GND
DVDD1
I
1
Digital VDD (3.3V)
DVDD2
I
9
Digital VDD (3.3V)
DVSS1
I
4
Digital GND
DVSS2
I
7
Digital GND
Total: 8 Pins
Tel: +49(0)234-9351135 · Fax: +49(0)234-9351137 E-MAIL: info@cornelius-consult.de
http://www.
cornelius-consult.de


Similar Part No. - ALC250

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC250-LF REALTEK-ALC250-LF Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
More results

Similar Description - ALC250

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
Intersil Corporation
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
   AC??7 Audio Codec
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com