Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC03PWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC03PWG4
Description  QUADRUPLE2-INPUT POSITIVE-AND GATES WITH OPEN-DRAIN OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC03PWG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC03PWG4 Datasheet HTML 1Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 2Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 3Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 4Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 5Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 6Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 7Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 8Page - Texas Instruments SN74HC03PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54HC03, SN74HC03
QUADRUPLE 2INPUT POSITIVENAND GATES
WITH OPENDRAIN OUTPUTS
SCLS077E − MARCH 1984 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic diagram (positive logic)
A
B
Y
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HC03
SN74HC03
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74HC03PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC03PW TI-SN74HC03PW Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN74HC03PWE4 TI-SN74HC03PWE4 Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN74HC03PWR TI-SN74HC03PWR Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN74HC03PWRE4 TI-SN74HC03PWRE4 Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74HC03PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV08A TI-SN54LV08A_07 Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Renesas Technology Corp
HD74LS11 RENESAS-HD74LS11 Datasheet
97Kb / 6P
   Triple 3-input Positive AND Gates (with Open Collector Outputs)
logo
Hitachi Semiconductor
HD74LS09 HITACHI-HD74LS09 Datasheet
44Kb / 5P
   Quadruple 2-input Positive AND Gates(with Open Collector Outputs)
HD74LS11 HITACHI-HD74LS11 Datasheet
50Kb / 5P
   Triple 3-input Positive AND Gates(with Open Collector Outputs)
logo
Renesas Technology Corp
HD74LS09 RENESAS-HD74LS09 Datasheet
54Kb / 5P
   Quadruple 2-Input Positive AND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN5409 TI-SN5409 Datasheet
245Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com