Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5218 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP5218 Datasheet(HTML) 3 Page - IMP, Inc

  IMP5218 Datasheet HTML 1Page - IMP, Inc IMP5218 Datasheet HTML 2Page - IMP, Inc IMP5218 Datasheet HTML 3Page - IMP, Inc IMP5218 Datasheet HTML 4Page - IMP, Inc IMP5218 Datasheet HTML 5Page - IMP, Inc IMP5218 Datasheet HTML 6Page - IMP, Inc IMP5218 Datasheet HTML 7Page - IMP, Inc IMP5218 Datasheet HTML 8Page - IMP, Inc IMP5218 Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Communications
3
Recommended Operating Conditions2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
r
w
p
m
r
e
TV
M
R
E
T
5
.
35
.
5V
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
s
i
D
l
e
v
e
L
h
g
i
HV H
I
2V
M
R
E
T
V
e
g
a
t
l
o
V
t
u
p
n
I
e
l
b
a
s
i
D
l
e
v
e
L
w
o
LV L
I
08
.
0V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
05
2
1C
°
.
l
a
n
o
i
t
c
n
u
f
s
i
e
c
i
v
e
d
e
h
t
h
c
i
h
w
r
e
v
o
e
g
n
a
r
e
h
t
e
t
a
c
i
d
n
i
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
d
e
d
n
e
m
m
o
c
e
R
.
2
:
e
t
o
N
s
p
e
.
2
0
t
_
8
1
2
5
Electrical Characteristics
Unless otherwise specified, these specifications apply at an ambient operating temperature of TA = 25°C. TermPwr = 4.75V. Low duty cycle
pulse testing techniques are used which maintain junction and case temperatures equal to the ambient temperature.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
T
U
O
5
6
.
25
8
.
2V
t
n
e
r
r
u
C
y
l
p
p
u
S
r
w
P
m
r
e
TI C
C
n
e
p
O
=
s
e
n
il
a
t
a
d
ll
A6
9
A
m
V
5
.
0
=
s
e
n
il
a
t
a
d
ll
A5
1
25
2
2A
m
V
0
=
2
,
1
s
n
i
P
T
C
E
N
N
O
C
S
I
D5
7
3
µA
t
n
e
r
r
u
C
t
u
p
t
u
OI
T
U
O
V
T
U
O
V
5
.
0
=1
2
–3
2
–4
2
–A
m
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
s
i
DI N
I
V
5
7
.
4
=
2
,
1
s
n
i
P
T
C
E
N
N
O
C
S
I
D0
9
µA
V
0
=
2
,
1
s
n
i
P
T
C
E
N
N
O
C
S
I
D0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
OI L
O
V
,
V
0
=
s
n
i
P
T
C
E
N
N
O
C
S
I
D
O
V
5
.
0
=0
1A
n
e
d
o
M
d
e
l
b
a
s
i
D
n
i
e
c
n
a
t
i
c
a
p
a
CC
T
U
O
V
T
U
O
z
H
M
1
=
y
c
n
e
u
q
e
r
F
,
V
0
=3
F
p
h
t
d
i
w
d
n
a
B
l
e
n
n
a
h
CW
B5
3z
H
M
l
e
n
n
a
h
C
r
e
p
,
t
n
e
r
r
u
C
k
n
i
S
n
o
i
t
a
n
i
m
r
e
TI
K
N
I
S
V
T
U
O
V
4
=0
6A
m
s
p
e
.
3
0
t
_
8
1
2
5
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188
Daily Silver IMP


Similar Part No. - IMP5218

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CDW A1PROS-IMP5218CDW Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CDWT A1PROS-IMP5218CDWT Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CPW A1PROS-IMP5218CPW Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5218CPWT A1PROS-IMP5218CPWT Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
More results

Similar Description - IMP5218

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
   9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
   18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
   18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
logo
IMP, Inc
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
   9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
   9--Liine SCSII Termiinattor
08/19/02
IMP5219 A1PROS-IMP5219 Datasheet
312Kb / 10P
   9--Liine SCSII Termiinattor
07/31/00
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
   9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
   9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
logo
IMP, Inc
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
   9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
logo
A1 PROs co., Ltd.
IMP5245 A1PROS-IMP5245 Datasheet
123Kb / 5P
   LVD SCSII Termiinattor
08/12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com