Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R14A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R14A
Description  A/D Type 8-Bit OTP MCU
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R14A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R14A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R14A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0/PPG1
PA1~PA2
PA3/PFD
PA4/TMR0
PA5/INT0
PA6/INT1
PA7/TMR1
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each pin can be configured as a wake-up
input by configuration option. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Configuration options determine which pins
on the port have pull-high resistors.
The PFD, INT0 and INT1 are pin-shared with PA3, PA5 and PA6. The TMR0 is
pin-shared with PA4, TMR1 is pin shared with PA7, respectively.
The PPG1 is a programmable pulse generator1 output pin, pin shared with
PA0. The PPG1 or I/O function is selected via configuration option. The PPG1
output pin is floating during power-on reset, RES pin reset or LVR reset. The
PPG1 output level (active low or active high) can be selected via configuration
option.
PB0/AN0~
PB7/AN7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the pin is
a CMOS output or Schmitt trigger input. Configuration options determine which
pins on the port have pull-high resistors. PB is shared with the A/D input pins. The
A/D inputs are selected via software instructions. Once selected as an A/D input,
the I/O function and pull-high resistor functions are disabled automatically.
PC0/C0VIN-
PC1/C0VIN+
PC2/C0OUT
PC3/C1OUT
PC4/C1VIN-
C1VIN+
I/O
Pull-high
I/O or
Comparator
Bi-directional 5-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A configuration option determines if all
pins on the the port have pull-high resistors. C0VIN-, C0VIN+ and C0OUT are
pin-shared with PC0, PC1 and PC2. Once the comparator 0 is enabled, the inter-
nal PC2 port control register can be used as input only, the PC2 output function
and the PC0/PC1/PC2 pull-high resistors will be disabled automatically, however
PC0 and PC1 maintain their I/O function. Software instructions determine if the
Comparator 0 function is enabled or not.
C1VIN+ and C1VIN- are the Comparator 1 inputs, C1OUT and C1VIN- are
pin-shared with PC3 and PC4. Once the Comparator 1 function is enabled, the in-
ternal PC3 port control register can be used as input only, the PC3 output function
and the PC3/PC4 pull-high resistors will be disabled automatically, however PC4
maintains its I/O function. Software instructions determine if the Comparator 1
function is enabled or not.
The PC1/C0VIN+ pin is also the external interrupt input pin. A falling edge on this
pin will form an interrupt trigger source whether the pin is setup as a Comparator
input or I/O pin.
PPG0
O
¾
Programmable pulse generator 0 output pin, the pin is floating when the power
is first applied. The PPG0 output level can be selected to be either active low or
active high, selected via configuration option.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined by op-
tion) for the internal system clock. If the RC system clock option is selected, pin
OSC2 can be used to monitor the system clock at 1/4 frequency.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT46R14A
Rev. 1.00
3
August 3, 2007


Similar Part No. - HT46R14A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R14A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com