Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48F30E Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48F30E
Description  I/O Flash Type MCU with EEPROM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F30E Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48F30E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 9Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 10Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 11Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 12Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 13Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 14Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
11
September 10, 2007
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
In Circuit Programming
The provision of Flash type Program Memory gives the
user and designer the convenience of easy upgrades
and modifications to their programs on the same device.
As an additional convenience, Holtek has provided a
means of programming the microcontroller in-circuit.
This provides manufacturers with the possibility of man-
ufacturing their circuit boards complete with a pro-
grammed or un-programmed microcontroller, and then
programming or upgrading the program at a later stage.
This enables product manufacturers to easily keep their
manufactured products supplied with the latest program
releases without removal and re-insertion of the device.
Pin Name
Function
PA0
Serial data input/output
PA4
Serial clock
RES
Device reset
VDD
Power supply
VSS
Ground
The Program Memory and EEPROM memory can both
be programmed serially in-circuit using a 5-wire inter-
face. Data is downloaded and uploaded serially on a
single pin with an additional line for the clock. Two addi-
tional lines are required for the power supply and one
line for the reset. The technical details regarding the
in-circuit programming of the devices are beyond the
scope of this document and will be supplied in supple-
mentary literature.
RAM Data Memory
The RAM Data Memory is a volatile area of 8-bit wide
RAM internal memory and is the location where tempo-
rary information is stored. Divided into two sections, the
first of these is an area of RAM where special function
registers are located. These registers have fixed loca-
tions and are necessary for correct operation of the de-
vice. Many of these registers can be read from and
written to directly under program control, however,
some remain protected from user manipulation. The
second area of RAM Data Memory is reserved for gen-
eral purpose use. All locations within this area are read
and write accessible under program control.
Organization
The RAM Data Memory is subdivided into two banks,
known as Bank 0 and Bank 1, all of which are imple-
mented in 8-bit wide RAM. Most of the RAM Data Mem-
ory is located in Bank 0 which is also subdivided into two
sections, the Special Purpose Data Memory and the
General Purpose Data Memory. The length of these
sections is dictated by the type of microcontroller cho-
sen. The start address of the RAM Data Memory for all
devices is the address
²00H², and the last Data Memory
address is
²7FH². Registers which are common to all
microcontrollers, such as ACC, PCL, etc., have the
same Data Memory address.
Instruction
Table Location Bits
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC10~PC8: Current Program Counter bits
@7~@0: Table Pointer TBLP bits
For the HT48F30E, the Table address location is 11 bits, i.e. from b10~b0.
For the HT48F10E and the HT48F06E, the Table address location is 10 bits, i.e. from b9~b0.
P o w e r
G r o u n d
D a t a
C l o c k
R e s e t
V D D
V S S
P A 0
P A 4
R E S
C o n n e c t o r
In-circuit Programming Interface


Similar Part No. - HT48F30E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F30E HOLTEK-HT48F30E Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
More results

Similar Description - HT48F30E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT48F70E HOLTEK-HT48F70E Datasheet
402Kb / 58P
   I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT69F340 HOLTEK-HT69F340 Datasheet
8Mb / 235P
   TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com