Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1454XIMSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1454XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1454XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 11Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 12Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 13Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Quiescent Current vs. Junction Temperature
vs. Output Current
Quiescent Current vs. Junction Temperature
vs. Input Voltage
Enable Input Voltage vs. Junction Temperature
vs. Input Voltage
Sense/Select Threshold Voltage vs.
Junction Temperature vs. Input Voltage
Bypass Start-up Rise Time vs. Junction Temperature
vs. Input Voltage
Output Spectral Noise Density vs. Frequency
vs. Output Voltage
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
IOUTA = IOUTB = 150mA
Top to bottom:
VIN = 6.5V
VIN = 5V
VIN = 3.8V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
TJ (°C)
VIH @ VIN = 6.5V
VIH @ VIN = 4V
VIL @ VIN = 6.5V
VIL @ VIN = 4V
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
VIN = 3.8V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-50
-25
0
25
50
75
100
125
TJ (°C)
CBYP = 10nF
VIN = 6.5V
VIN = 3.8V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 6.5V
IOUTA = IOUTB = 150mA
IOUTA or IOUTB = 150mA
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
IOUT = 50mA
CIN = 1µF
CBYP = 10nF
COUT = 2.2µF
TJ = 25°C
Top to bottom:
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.8V
VOUT = 2.5V
VOUT = 1.8V


Similar Part No. - SC1454XIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454XIMSTR SEMTECH-SC1454XIMSTR Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
More results

Similar Description - SC1454XIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com