Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1454XIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1454XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1454XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 11Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 12Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 13Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Output Spectral Noise Density vs. Frequency
vs. Output Capacitance
Output Spectral Noise Density vs. Frequency
vs. Bypass Capacitance
Output Spectral Noise Density vs. Frequency
vs. Output Current
PSRR vs. Frequency vs. Output Voltage
(C
BYP = 10nF)
PSRR vs. Frequency vs. Output Voltage
(C
BYP = 100nF)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 10nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f (kHz)
VIN = VOUT + 1V
CIN = COUT = 1µF
CBYP = 100nF
IOUT = 1mA
TJ = 25°C
Top to bottom:
VOUT = 1.8V
VOUT = 2.5V
VOUT = 2.8V
VOUT = 3.0V
VOUT = 3.3V
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.8V
VIN = 2.8V
IOUT = 50mA
CBYP = 10nF
CIN = 1µF
TJ = 25°C
Left to right:
COUT = 44µF
COUT = 22µF
COUT = 10µF
COUT = 2.2µF
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
f (kHz)
CBYP = 100pF
CBYP = 1nF
CBYP = 10nF
CBYP = 100nF
CBYP = 1µF
VOUT = 1.8V
VIN = 2.8V
IOUT = 50mA
CIN = 1µF
COUT = 2.2µF
TJ = 25°C
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
1000
f (kHz)
VOUT = 1.8V
VIN = 2.8V
CIN = 1µF
CBYP = 10nF
COUT = 2.2µF
TJ = 25°C
Top to bottom:
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 1mA


Similar Part No. - SC1454XIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1454XIMSTR SEMTECH-SC1454XIMSTR Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
More results

Similar Description - SC1454XIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
LP2966 TI-LP2966_15 Datasheet
1Mb / 22P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com