Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R52A Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT48R52A
Description  I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R52A Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT48R52A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R52A Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
HT48R52A
Rev. 1.40
10
April 25, 2007
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
The timer/event counter interrupt request flag, TF, exter-
nal interrupt request flag, EIF, enable timer/event coun-
ter interrupt bit, ET, enable external interrupt bit, EEI,
and enable master interrupt bit, EMI, constitute an inter-
rupt control register, INTC, which is located at 0BH in the
data memory. EMI, EEI, ETI are used to control the en-
abling/disabling of interrupts. These bits prevent the re-
quested interrupt from being serviced. Once the
interrupt request flags, TF and EIF, are set, they will re-
main in the INTC register until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence will be damaged if a
²CALL² is executed in the interrupt subroutine.
Oscillator Configuration
These devices provide two types of system oscillator cir-
cuits, an RC oscillator and a 32768Hz crystal oscillator,
the choice of which is determined by software.
If an RC oscillator is used, an external resistor, whose
resistance must range from 100k
W to 2MW, should be
connected between OSC1 and VSS. The RC oscillator
provides the most cost effective solution, however, the
frequency of oscillation may vary with VDD, tempera-
tures and the chip itself due to process variations. It is,
therefore, not suitable for timing sensitive operations
where an accurate oscillator frequency is desired.
The other oscillator circuit is designed for the real time
clock. For this device, only a 32768Hz crystal oscillator
can be used. The crystal should be connected between
OSC3 and OSC4.
The RTC oscillator circuit can be controlled to start up
quickly by setting the
²QOSC² bit (bit 4 of mode). It is
recommended to turn on the quick oscillating function at
power on until the RTC oscillator is stable, and then turn
it off after 2 seconds to reduce power consumption.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and requires no external components. Although
when the system enters the power down mode, the sys-
tem clock stops, the WDT oscillator will keep running
with a period of approximately 65
ms at 5V. The WDT os-
cillator can be disabled by a configuration option to con-
serve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a internal WDT
OSC, the external 32768Hz (fRTC) or the instruction clock
(system clock divided by 4), the choice of which is deter-
mined by configuration option. This timer is designed to
prevent software malfunctions or sequences jumping to
an unknown location with unpredictable results. The
Watchdog can be disabled by a configuration option. If
the Watchdog Timer is disabled, all the executions re-
lated to WDT will result in no operation.
If the device operates in a noisy environment, using the
on-chip WDT OSC or 32768Hz crystal oscillator is
strongly recommended.
When the WDT clock source is selected, it will be first di-
vided by 16 (4-stage), and then divided by the TMRC
prescaler (8-stage), after that, divided by 512 (9-stage)
to get the nominal time-out period. By using the TMRC
prescaler, longer time-out periods can be realized. Writ-
ing data to PSC2, PSC1, PSC0 can give different
time-out periods. The WDT OSC period is 65
ms. This
time-out period may vary with temperature, VDD and
process variations. The WDT OSC keep running in any
operation mode.
If the instruction clock (system clock/4) is selected as
the WDT clock source, the WDT operates in the same
manner.
3 2 7 6 8 H z
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
4 7 0 p F
V D D
R O S C
O S C 3
O S C 4
1 0 p F
System Oscillator
4 - B i t D i v i d e r
8 - S t a g e P r e s c a l e r
8 - t o - 1 M U X
W D T T i m e - o u t
P S C 2 ~ P S C 0
O p t i o n
S e l e c t
S y s t e m C l o c k / 4
W D T O S C
3 2 7 6 8 H z
f S
9 - B i t C o u n t e r
Watchdog Timer


Similar Part No. - HT48R52A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
More results

Similar Description - HT48R52A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R54A HOLTEK-HT48R54A Datasheet
272Kb / 40P
   I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R54A HOLTEK-HT48R54A_10 Datasheet
283Kb / 39P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com