Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1566IT-X.XT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1566IT-X.XT
Description  Very Low Dropout 3.0 Amp Regulator With Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566IT-X.XT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1566IT-X.XT Datasheet HTML 1Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 2Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 3Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 4Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 5Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 6Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 7Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 8Page - Semtech Corporation SC1566IT-X.XT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC1566
POWER MANAGEMENT
Pin Descriptions
Pin Configurations
Note:
(1) 3-pin versions are fixed output
voltage only.
N
I
P
-
5
6
6
5
1
C
S
s
n
o
i
s
r
e
V
n
i
Pn
o
i
t
c
n
u
F
1N
I
V
2N
E
3D
N
G
4J
D
A
5O
V
D
N
G
S
I
B
A
T
Ordering Information
TO-263-5
TO-220-5
TO-263-3
N
I
P
-
3
6
6
5
1
C
S
s
n
o
i
s
r
e
V
n
i
Pn
o
i
t
c
n
u
F
1N
I
V
2D
N
G
3O
V
D
N
G
S
I
B
A
T
TO-220-3
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 2.5V and 1.8V.
(2) Output voltage can be adjusted using external
resistors, see Pin Descriptions below.
(3) Only available in tape and reel packaging. A reel
contains 800 devices.
(4) Only available in tube packaging. A tube contains 50
devices.
(5) T-XX = Straight in-line; T-XX-SB = Single Bend.
(6) Lead free product. This product is fully WEEE and
RoHS compliant.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
R
T
.
X
.
X
-
M
I
6
6
5
1
C
S
3
-
3
6
2
-
O
T
)
3
(
T
R
T
X
.
X
-
M
I
6
6
5
1
C
S
)
6
(
R
T
.
X
.
X
-
M
5
I
6
6
5
1
C
S
)
2
(
5
-
3
6
2
-
O
T
)
3
(
T
R
T
X
.
X
M
5
I
6
6
5
1
C
S
)
6
(
)
2
(
X
.
X
-
T
I
6
6
5
1
C
S
3
-
0
2
2
-
O
T
)
4
(
T
X
.
X
-
T
I
6
6
5
1
C
S
)
6
(
X
.
X
-
T
5
I
6
6
5
1
C
S
)
5
(
)
2
(
5
-
0
2
2
-
O
T
)
4
(
T
X
.
X
T
5
I
6
6
5
1
C
S
)
6
(
)
5
(
)
2
(
B
S
X
.
X
-
T
5
I
6
6
5
1
C
S
)
5
(
)
2
(
5
-
0
2
2
-
O
T
)
4
(
T
B
S
X
.
X
T
5
I
6
6
5
1
C
S
)
6
(
)
5
(
)
2
(
e
m
a
N
n
i
Pn
o
i
t
p
i
c
s
e
D
n
i
P
J
D
A
l
a
n
r
e
t
x
e
fI
.
s
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
l
a
n
r
e
t
n
i
e
h
t
y
b
t
e
s
t
a
h
t
o
t
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
s
t
e
s
,
d
e
d
n
u
o
r
g
n
e
h
w
,
n
i
p
s
i
h
T
:
)
1
e
g
a
p
n
o
s
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
e
e
S
(
e
b
ll
i
w
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
,
d
e
s
u
e
r
a
s
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
N
E
f
o
n
o
it
c
a
r
f
a
o
t
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
q
e
h
t
g
n
i
c
u
d
e
r
,f
f
o
r
o
t
a
l
u
g
e
r
e
h
t
s
n
r
u
t
V
4
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
P
.t
u
p
n
I
e
l
b
a
n
E
.
d
e
s
u
g
n
i
e
b
t
o
n
fi
N
I
V
o
t
t
c
e
n
n
o
C
.
n
e
p
o
tf
e
l
s
i
n
i
p
s
i
h
t
fi
d
e
l
b
a
n
e
e
b
ll
i
w
e
c
i
v
e
d
e
h
T
.
e
u
l
a
v
g
n
it
a
r
e
p
o
s
ti
D
N
G
.
g
n
i
k
n
i
s
t
a
e
h
r
o
f
)
D
N
G
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
ir
t
c
e
l
e
(
b
a
t
e
h
t
e
s
U
.
d
n
u
o
r
g
e
c
n
e
r
e
f
e
R
N
I
V
m
u
m
i
n
i
M
.
V
5
.
5
d
n
a
)
V
7
.
0
+
O
V
(
n
e
e
w
t
e
b
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
t
u
p
n
i
e
h
t
,
d
a
o
l
ll
u
f
t
a
n
o
it
a
l
u
g
e
r
r
o
F
.
e
g
a
tl
o
v
t
u
p
n
I
.
V
2
.
2
=
N
I
V
O
V.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
n
i
p
s
i
h
T
Volts
R2
R2)
(R1
1.200
VO
+
=


Similar Part No. - SC1566IT-X.XT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1566IT-1.8 SEMTECH-SC1566IT-1.8 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1566IT-2.5 SEMTECH-SC1566IT-2.5 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
More results

Similar Description - SC1566IT-X.XT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
   VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com