Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1566I5TX.XSBT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1566I5TX.XSBT
Description  Very Low Dropout 3.0 Amp Regulator With Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566I5TX.XSBT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1566I5TX.XSBT Datasheet HTML 2Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 3Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 4Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 5Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 6Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 7Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 8Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 9Page - Semtech Corporation SC1566I5TX.XSBT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC1566
POWER MANAGEMENT
Typical Characteristics
Dropout Voltage vs. Output Current
vs. Junction Temperature
Dropout Voltage vs. Junction
Temperature vs. Output Current
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
Reference Voltage vs. Junction
Temperature vs. Output Current
Reference Voltage vs. Junction
Temperature vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IO (A)
0°C
-40°C
150°C
25°C
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 0.5A
IO = 1.5A
IO = 3A
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 3A
IO = 10mA
VIN = 3.2V
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 3A
IO = 10mA
VIN = 5.5V
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 2.2V
IO = 10mA
IO = 3A
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 5.5V
IO = 10mA
IO = 3A


Similar Part No. - SC1566I5TX.XSBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1566I5T-1.8 SEMTECH-SC1566I5T-1.8 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1566I5T-2.5 SEMTECH-SC1566I5T-2.5 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
More results

Similar Description - SC1566I5TX.XSBT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
   VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
SC1565 SEMTECH-SC1565_05 Datasheet
289Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Samtec, Inc
SC1565I5M-1.8TRT SAMTEC-SC1565I5M-1.8TRT Datasheet
270Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565_09 Datasheet
272Kb / 14P
   Very Low Dropout 1.5 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com