Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3100A-2.5 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS3100A-2.5
Description  MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3100A-2.5 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS3100A-2.5 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3100A-2.5 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3100A-2.5 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3100A-2.5 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3100-2.5
TYPICAL PERFORMANCE CHARACTERISTICS
-4
4
8
16
0.1
1
10
100
Reverse Characteristics
0
T
A =25° C
0.1
1000
0.1
1
10
100
Reverse Dynamic Impedance
1
100
0.01
0
0.4
1.6
0.1
1
10
100
0.8
0.01
REVERSE CURRENT (mA)
REVERSE CURRENT (mA)
0
0.5
1.0
1.5
2.0
2.5
0.1
100
10
3.0
REVERSE VOLTAGE (V)
1
Reverse Characteristics
Forward Characteristics
FORWARD CURRENT (mA)
10
100
1k
10k
100k
0.1
1k
10
Reverse Dynamic Impedance
1M
FREQUENCY (Hz)
1
10k
100
-55
5
25 45 65 85 105
2.530
2.490
125
Temperature Drift
0
10
0
1.0
3.0
0
200
400
600
TIME (
µs)
Response Time
2.0
~
~
~
~
0
400
800
1200
1400
100
1k
10k
100k
Noise Voltage
200
1000
I
R= 100µA
10
FREQUENCY (Hz)
600
100
1k
10k
100k
CUTOFF FREQUENCY (Hz)
0
20
40
60
80
100
120
TEMPERATURE (° C)
2.510
2.470
2.460
-35 -15
I
R= 100µA
T
A
=-40° C
T
A =85° C
T
A =85° C
T
A =-40° C
T
A
=25° C
T
A
=-40° C
T
A
=25° C
T
A =85° C
T
A =25° C
I
R
= 100
µA
T
A =-40° C
T
A =25° C
T
A =85° C
I
R= 100µA
100
µA
OUTPUT
AMS3100A-2.5
OUTPUT
100k
INPUT
OUTPUT
INPUT
SINGLE POLE LOW PASS
SHARP CUTOFF
FILTER
Filtered Output Noise
0.01
10
12
1.2
2.520
2.500
2.480
2.450


Similar Part No. - AMS3100A-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100A-25 ADMOS-AMS3100A-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - AMS3100A-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com