Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802IMLTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC802IMLTR
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802IMLTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC802IMLTR Datasheet HTML 2Page - Semtech Corporation SC802IMLTR Datasheet HTML 3Page - Semtech Corporation SC802IMLTR Datasheet HTML 4Page - Semtech Corporation SC802IMLTR Datasheet HTML 5Page - Semtech Corporation SC802IMLTR Datasheet HTML 6Page - Semtech Corporation SC802IMLTR Datasheet HTML 7Page - Semtech Corporation SC802IMLTR Datasheet HTML 8Page - Semtech Corporation SC802IMLTR Datasheet HTML 9Page - Semtech Corporation SC802IMLTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
© 2005 Semtech Corp.
www.semtech.com
SC802/SC802A
POWER MANAGEMENT
Prelimi-
nary
Block Diagram
3
15
16
VOUT
4
1
Reference
Voltages
14
4.2V
4.1V
Fast Charge Ref
Pre-Charge Ref
Fast Charge Ref
Pre-Charge Ref
Vprog
Mode
Det ect
2
Vout
6
Programmable
Timer
NT C
Interface
7
12
11
10
5
9
Control
13
8
BSEN
AFC
EN-NT C
RTIM
CP B
CHRGB
REFGND
VPRGM
GND
GND
VCC
IPRGM
ITERM
BIPB
Pre-Charge On
Fast-Charge On
Over Voltage
Under Voltage
Over Temp
Charge/LDO
On
3
15
16
VOUT
4
1
Reference
Voltages
14
4.2V
4.1V
Fast Charge Ref
Pre-Charge Ref
Fast Charge Ref
Pre-Charge Ref
Vprog
Mode
Det ect
2
Vout
6
Programmable
Timer
NT C
Interface
7
12
11
10
Programmable
Timer
NT C
Interface
7
12
11
10
5
9
Control
Control
13
8
BSEN
AFC
EN-NT C
RTIM
CP B
CHRGB
REFGND
VPRGM
GND
GND
VCC
IPRGM
ITERM
BIPB
Pre-Charge On
Fast-Charge On
Over Voltage
Under Voltage
Over Temp
Charge/LDO
On
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
2
1E
M
I
T
R
o
t
t
c
e
n
n
o
c
,
s
r
h
3
f
o
t
u
o
-
e
m
it
l
a
n
r
e
t
n
i
e
h
t
t
c
e
l
e
s
o
t
C
C
V
o
t
t
c
e
n
n
o
C
.
n
i
p
t
u
p
n
i
r
e
m
it
e
l
b
a
m
a
r
g
o
r
P
.
d
o
ir
e
p
t
u
o
e
m
it
e
h
t
m
a
r
g
o
r
p
o
t
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
t
c
e
n
n
o
C
.r
e
m
it
e
h
t
e
l
b
a
s
i
d
o
t
d
n
u
o
r
g
3
1C
C
V.r
e
w
o
p
r
o
t
p
a
d
a
o
t
t
c
e
n
n
o
c
,
n
i
p
y
l
p
p
u
S
4
1C
C
V.r
e
w
o
p
r
o
t
p
a
d
a
o
t
t
c
e
n
n
o
c
,
n
i
p
y
l
p
p
u
S
5
1T
U
O
V.
y
r
e
tt
a
b
o
t
t
c
e
n
n
o
c
,t
u
p
t
u
o
r
e
g
r
a
h
C
6
1T
U
O
V.
y
r
e
tt
a
b
o
t
t
c
e
n
n
o
c
,t
u
p
t
u
o
r
e
g
r
a
h
C
Tl
a
m
r
e
h
T
d
a
P
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
Pin Descriptions (Cont.)


Similar Part No. - SC802IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802IMLTRT SEMTECH-SC802IMLTRT Datasheet
639Kb / 18P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
More results

Similar Description - SC802IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
   Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
logo
New Japan Radio
NJW4100 NJRC-NJW4100 Datasheet
280Kb / 19P
   Lithium-ion Battery Charger Controller IC with Timer
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com