Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3106S-ADJ Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3106S-ADJ
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3106S-ADJ Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3106S-ADJ Datasheet HTML 1Page - Advanced Monolithic Systems AMS3106S-ADJ Datasheet HTML 2Page - Advanced Monolithic Systems AMS3106S-ADJ Datasheet HTML 3Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS3106
Monolithic
500mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 0.6V to 6V in 100mV increments Voltages Available
• Battery Powered Systems
• Active High On/Off Control
• Cellular Phones
• Output Current of 500mA
• Cordless Telephones
• Quiescent Current of <1µA when in Shutdown
• Portable (Notebook) Computers
• Low Dropout Voltage of 250mV at 500mA
• Portable Instrumentation
• Wide Supply Voltage Range 1.5V to 15V
• Portable Consumer Equipment
• Short Circuit and Thermal Protection
• Personal Communication Equipment
• Power Good function option
• Radio Control Systems
• Ceramic Output Capacitor OK
• Low Voltage Systems
• Reference bypass for low noise
• MP3 Player
GENERAL DESCRIPTION
The AMS3106 is a 500mA low dropout fixed voltage regulator, featuring an internal electronic switch controlled by TTL or
CMOS logic levels. When the Enable pin is pulled to a logic high level, the device is in the ON state. Designed specifically for
battery powered applications where low quiescent current, low dropout and low standby current are required, the AMS3106 is
ideal to use in standby power systems. Like other regulators the AMS3106 series also includes internal current limiting and
thermal shutdown. A high precision 0.6V voltage reference enables the device to provide very low output voltages. A key
feature includes a reference bypass pin to improve its low-noise performance for fixed output versions.
Ideal for space critical applications, the AMS3106 is available in the 5-pin SOT-23 surface mount package and 8-pin SOIC.
The Power Good option is used when the Output Voltage drop must be detected. If the Output Voltage drops by approximately
15% of its nominal value, the open collector on PG pin will pull down to Low state.
ORDERING INFORMATION
PIN CONNECTIONS (Top View)
XX
=specify the output voltage required
SO-8 (S)
SO-8 (S)
SO-8 (S)
PACKAGE TYPE
5L SOT-23
SO-8
AMS3106AM1-XXBP
AMS3106AS-XXBP
AMS3106M1-XXBP
AMS3106S-XXBP
AMS3106AM1-
XXPG
AMS3106AS-XXBP
AMS3106M1-XXPG
AMS3106S-XXBP
AMS3106AM1-ADJ
AMS3106AS-ADJ
AMS3106M1-ADJ
AMS3106S-ADJ
5 Lead SOT-23
(M1)
FIXED VOLTAGE
and Bypass
5 Lead SOT-23
(M1)
FIXED VOLTAGE
And Power Good
5 Lead SOT-23
(M1)
ADJ VOLTAGE
ADJ VOLTAGE
FIXED VOLTAGE
And Power Good
FIXED VOLTAGE
And Bypass


Similar Part No. - AMS3106S-ADJ

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2 ADMOS-AMS3100-1.2 Datasheet
76Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
76Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
More results

Similar Description - AMS3106S-ADJ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com