Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1505CM-2.85 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

Part # AMS1505CM-2.85
Description  5A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1505CM-2.85 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

  AMS1505CM-2.85 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1505CM-2.85 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AMS1505
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
5 LEAD TO-252 PLASTIC PACKAGE (D)
0.020
(0.51)
TYP
0.087-0.094
(2.21-2.39)
0.018-0.023
(0.46-0.58)
0.020±0.002
(0.510±0.0508)
0.018-0.023
(0.46-0.58)
D (D5) AMS DRW# 031202
0.035-0.050
(0.89-1.27)
0.035-0.045
(0.89-1.14)
0.235-0.245
(5.969-6.223)
0.045
(1.14)
TYP
0.255-0.265
(6.48-6.73)
0.206-0.214
(5.23-5.44)
0.025
(0.635)
TYP
7.0°
0.380-0.410
(9.65-10.41)
0.045-0.060
(1.14-1.52)
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS1505CM-2.85

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1505CM-25 ADMOS-AMS1505CM-25 Datasheet
76Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
AMS1505CM-285 ADMOS-AMS1505CM-285 Datasheet
76Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1505CM-2.85

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1505 ADMOS-AMS1505 Datasheet
76Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com