Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT7R995-XPA Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT7R995-XPA
Description  RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7R995-XPA Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT7R995-XPA Datasheet HTML 6Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 7Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 8Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 9Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 10Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 11Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 12Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 13Page - Aeroflex Circuit Technology UT7R995-XPA Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
4.0 ABSOLUTE MAXIMUM RATINGS:1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device
at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability and performance.
2. Maximum junction temperature may be increased to +175
°C during burn-in and steady-static life.
5.0 RECOMMENDED OPERATING CONDITIONS:
Symbol
Description
Limits
Units
VDD
Core Power Supply Voltage
-0.3 to 4.0
V
VDDQ1, VDDQ3, and VDDQ4
Output Bank Power Supply Voltage
-0.3 to 4.0
V
VIN
Voltage Any Input Pin
-0.3 to VDD + 0.3
V
VOUT
Voltage Any Clock Bank Output
-0.3 to VDDQn + 0.3
V
VO
Voltage on XTAL2 and LOCK Outputs
-0.3 to VDD + 0.3
V
II
DC Input Current
+10
mA
PD
Maximum Power Dissipation
1.5
W
TSTG
Storage Temperature
-65 to +150
°C
TJ
Maximum Junction Temperature 2
+150
°C
Θ
JC
Thermal Resistance, Junction to Case
15
°C/W
ESDHBM
ESD Protection (Human Body Model) - Class II
3000
V
Symbol
Description
Limits
Units
VDD
Core Operating Voltage
3.0 to 3.6
V
VDDQ1, VDDQ3, and VDDQ4
Output Bank Operating Voltage
2.25 to 3.6
V
VIN
Voltage Any Configuration and Control Input
0 to VDD
V
VOUT
Voltage Any Bank Output
0 to VDDQn
V
TC
Case Operating Temperature
-55 to +125
°C


Similar Part No. - UT7R995-XPA

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7R995-XPA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com