Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3AM Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BCR3AM
Description  Triac 3 Amperes/400-600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR3AM Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BCR3AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
BCR3AM-8
BCR3AM-12
Units
Repetitive Peak Off-state Voltage
VDRM
400
600
Volts
Non-repetitive Peak Off-state Voltage
VDSM
500
720
Volts
On-state Current, Tc = 86°C
IT(RMS)
3
3
Amperes
Non-repetitive Peak Surge, One Cycle (60 Hz)
ITSM
30
30
Amperes
I2t for Fusing, t = 8.3 msec
I2t
3.7
3.7
A2sec
Peak Gate Power Dissipation, 20 msec
PGM
3
3
Watts
Average Gate Power Dissipation
PG(avg)
0.3
0.3
Watts
Peak Gate Current
IGM
0.5
0.5
Amperes
Peak Gate Voltage
VGM
6
6
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Weight
1.6
1.6
Grams
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Test Conditions (Trigger Mode)
BCR3AM
Characteristics*
Symbol
VD
RL
RG
Tj
Min.
Typ.
Max.
Units
Gate Parameters
DC Gate Trigger Current
MT2+ Gate+
6V
6
330
25°C
30
mA
MT2+ Gate–
IGT
6V
6
330
25°C
30
mA
MT2– Gate–
6V
6
330
25°C
30
mA
DC Gate Trigger Voltage
MT2+ Gate+
6V
6
330
25°C
1.5
Volts
MT2+ Gate–
VGT
6V
6
330
25°C
1.5
Volts
MT2– Gate–
6V
6
330
25°C
1.5
Volts
DC Gate Non-trigger Voltage
All
VGD
1/2 VDRM
125°C
0.2
Volts
*Characteristic values apply for either polarity of Main Terminal 2 referenced to Main Terminal 1.
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction-to-case
Rth(j-c)
10
°C/W
Steady State Thermal Resistance,
Rth(j-a)
80
°C/W
Junction-to-ambient
Voltage – Blocking State
IDRM
Gate Open Circuited,
2
mA
Repetitive Off-state Current
VD = VDRM, Tj = 125°C
Current – Conducting State
VTM
Tc = 25°C,
1.5
Volts
Peak On-state Voltage
ITM = 4.5A
Critical Rate-of-rise of Commutating
(dv/dt)c
Tj = 125°C, VD = 400V, Gate Open
5
V/ s
Off-state Voltage (Commutating dv/dt)
Circuited, Commutating (di/dt) = -2A/ms
(Switching)
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR3AM
Triac
3 Amperes/400-600 Volts
T-6


Similar Part No. - BCR3AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14B-A6B00 RENESAS-BCR3AM-14B-A6B00 Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14B-A6BD0 RENESAS-BCR3AM-14B-A6BD0 Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14BB00 RENESAS-BCR3AM-14BB00 Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14BBD0 RENESAS-BCR3AM-14BBD0 Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
More results

Similar Description - BCR3AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
   Triac 12 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
   Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
   Isolated Triac 12 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
   Isolated Triac 16 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com