Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC603EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC603EVB
Description  CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC603EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC603EVB Datasheet HTML 1Page - Semtech Corporation SC603EVB Datasheet HTML 2Page - Semtech Corporation SC603EVB Datasheet HTML 3Page - Semtech Corporation SC603EVB Datasheet HTML 4Page - Semtech Corporation SC603EVB Datasheet HTML 5Page - Semtech Corporation SC603EVB Datasheet HTML 6Page - Semtech Corporation SC603EVB Datasheet HTML 7Page - Semtech Corporation SC603EVB Datasheet HTML 8Page - Semtech Corporation SC603EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.semtech.com
POWER MANAGEMENT
SC603
CHARGE PUMP REGULATOR WITH
SELECTABLE 5.0V/4.5V OUTPUT
November 2, 2004
Description
Features
Applications
Typical Application Circuit
The SC603 is a versatile charge pump designed for use
in battery operated power supply applications. The wide
input range is matched for Li-Ion battery applications.
Only two tiny ceramic bucket capacitors are required, and
the inductorless implementation provides a reduced-EMI
solution. Low noise mode switching circuitry and con-
stant output current allow the use of extremely small
input and output capacitors.
The SC603 charge pump regulator can be used for ap-
plications that require up to 200mA of output current
with a 4.5V output. The 5.0V output version provides up
to 160mA of output current.
Compared to a switch mode regulator, the SC603 offers
a solution with less cost, area, noise and complexity.
Small size - MLP Micro 10 lead 3x3mm package
Selectable 5.0V or 4.5V output voltage
200mA available with 4.5V output
160mA available with 5.0V output
Short circuit protection
Soft Start function
Shutdown current <2µA
Selectable fixed frequencies of 262kHz & 650kHz
Low ripple
Regulated to +/-5%
Ease of use
Cellular phones
LED photo flash for cellular phones
LED backlighting
PDA power supplies
Portable electronics
Electronic books
Wireless web appliances
Cin
1.0uF
2.7V to 6.5V
Cbucket1
1.0uF
Cbucket2
1.0uF
VIN
EN
VSEL
FSEL
GND
CF2-
CF2+
CF1-
CF1+
VOUT
3
6
4
5
8
7
10
9
2
1
U1
Cout
1.0uF
UP TO 10 LEDS
4.5V or 5.0V


Similar Part No. - SC603EVB

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SC60360001L ABC-SC60360001L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
SC60360002L ABC-SC60360002L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
SC60360003L ABC-SC60360003L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
SC60360004L ABC-SC60360004L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
SC60360005L ABC-SC60360005L Datasheet
2Mb / 11P
   SMD BALUN TRANSFORMER
More results

Similar Description - SC603EVB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC613 SEMTECH-SC613 Datasheet
375Kb / 14P
   Low Noise Regulated Charge Pump with Selectable Output
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
   Triple-Output Charge Pump Regulator
logo
Semtech Corporation
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com