Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS285 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS285
Description  ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS285 Datasheet HTML 1Page - Advanced Monolithic Systems AMS285 Datasheet HTML 2Page - Advanced Monolithic Systems AMS285 Datasheet HTML 3Page - Advanced Monolithic Systems AMS285 Datasheet HTML 4Page - Advanced Monolithic Systems AMS285 Datasheet HTML 5Page - Advanced Monolithic Systems AMS285 Datasheet HTML 6Page - Advanced Monolithic Systems AMS285 Datasheet HTML 7Page - Advanced Monolithic Systems AMS285 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS285/AMS385
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is:
AMS285
+125°C
AMS385
+100°C
Thermal Resistance
TO-92
SO-8
SOT-89
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
160°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: Guaranteed and 100% production tested.
Note 5: Guaranteed but not 100% production tested. These limits are not used to calculate average outgoing quality levels.
Note 6: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating
TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are 0°C, 25°C, 70°C and 85°C.
PIN CONNECTIONS
TO-92
8L SOIC
SOT-89
Plastic Package (N)
SO Package (S)
(L)
Bottom View
Top View
Top View
TYPICAL APPLICATIONS
1.2V Reference
5.0V Reference
Precision 10V Reference
+
-
FB
AMS385
1.2V
R1
500k
9V
R3
364k
R2
120k
+
-
FB
AMS385
R1
50k
9V
5V
⎟⎟
⎜⎜
+
=
1
R2
R3
1.24
VOUT
R3
68.1k
1%
R2
301k
1%
+
-
FB
AMS385
R1
5k
15V
V
OUT
10V
1
2
3
FB
-
+
12
8
4
3
75
6
N/C ADJ
N/C
N/C N/C
N/C
+
-
FB
-
+
1
2
3


Similar Part No. - AMS285

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AL ADMOS-AMS285-1.2AL Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AN ADMOS-AMS285-1.2AN Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-1.2AS ADMOS-AMS285-1.2AS Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS285

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
   Adjustable Micropower Voltage Reference
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com