Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3003 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SH3003
Description  MicroBuddy짰 Support IC for Microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SH3003 Datasheet HTML 2Page - Semtech Corporation SH3003 Datasheet HTML 3Page - Semtech Corporation SH3003 Datasheet HTML 4Page - Semtech Corporation SH3003 Datasheet HTML 5Page - Semtech Corporation SH3003 Datasheet HTML 6Page - Semtech Corporation SH3003 Datasheet HTML 7Page - Semtech Corporation SH3003 Datasheet HTML 8Page - Semtech Corporation SH3003 Datasheet HTML 9Page - Semtech Corporation SH3003 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
©2006 Semtech Corp.
SH3003
www.semtech.com
Not authorized for release outside of Semtech
- DRAFT
POWER MANAGEMENT
Pin
Pin Name
Type
Pin Function
T
Thermal pad - connect to ground
1VSS
Power
Ground, 0V - All VSS pins and TEST (VSS) pin must be connected together.
2
VREG
Power
Output of internal Voltage Regulator, 2.2V nominal. This pin can power exter-
nal loads of < 5mA. If load is “noisy” it requires a bypass capacitor. May be left
unconnected or used as a high logic level signal for CLKSEL pin.
3VDD
Power
Main power supply, +2.3 to +5.5V
4VBAK
Power
Back-up power supply for real-time clock, +2.3 to +5.5V (+1.8 to +5.5V typical).
This voltage can be higher or lower than VDD. Connect a backup battery or
backup capacitor (with external recharge circuit). Connect to VDD if not used.
5XIN
Analog In
Oscillator pins for optional external low frequency crystal, typically 32.768kHz
crystal with nominal 12.5pF load cap. Keep open or connect to VSS if not used.
6XOUT
Analog Out
7
CLKSEL
Digital In
A logic low level selects the internal 32.768kHz RC oscillator (CLKSEL tied to
VSS). A high state on this pin selects the 32.768kHz crystal oscillator (CLKSEL is
connected to VREG). The SH3003 always starts up using the internal 32.768kHz
RC oscillator. If CLKSEL is high, the internal 32.768kHz clock switches to the
crystal oscillator once it has stabilized, and RC oscillator is disabled for power
conservation. Do not connect CLKSEL to any signals except VSS or VREG. CLKSEL
must not be left open.
8VSS
Power
Ground, 0V. All VSS pins and TEST (VSS) pin must be connected together.
Device
Package
SH3003IMLTR
MLP 3x3mm, 16 pins
SH3003IMLTRT
MLP 3x3mm, 16 pins, lead-free
EVK-SH3000USB
SH3000 Evaluation Kit
SH3000EK.pdf
SH3000 Evaluation Kit User Guide
SH3000UM.pdf
SH3000 Reference Manual
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5678
MLP 16: 3x3 16 LEAD
T
VSS
TEST VSS
RST
NRST
NRST
VBAK
VDD
VREG
Pin Configuration
Ordering Information
Pin Descriptions


Similar Part No. - SH3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SH300 LITTELFUSE-SH300 Datasheet
450Kb / 4P
   Gas Discharge Tubes
Revised: GD. 03/09/21
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3000IMLTR SEMTECH-SH3000IMLTR Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
More results

Similar Description - SH3003

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3000 SEMTECH-SH3000 Datasheet
421Kb / 24P
   Low-Power Programmable Multifunction Support IC for Microcontrollers
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
Sanyo Semicon Device
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
List of Unclassifed Man...
MB39A103 ETC-MB39A103 Datasheet
107Kb / 4P
   4-Channel DC/DC Converter IC with Support for Low Voltage
logo
Sanken electric
SMA6843MP SANKEN-SMA6843MP_08 Datasheet
448Kb / 2P
   Support for 3-shunt
logo
Maxim Integrated Produc...
DS3104 MAXIM-DS3104 Datasheet
1,006Kb / 135P
   Line Card Timing IC with Synchronous Ethernet Support
Rev: 072407
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com