Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH3000IMLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SH3000IMLTR
Description  Low-Power Programmable Multifunction Support IC for Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000IMLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SH3000IMLTR Datasheet HTML 5Page - Semtech Corporation SH3000IMLTR Datasheet HTML 6Page - Semtech Corporation SH3000IMLTR Datasheet HTML 7Page - Semtech Corporation SH3000IMLTR Datasheet HTML 8Page - Semtech Corporation SH3000IMLTR Datasheet HTML 9Page - Semtech Corporation SH3000IMLTR Datasheet HTML 10Page - Semtech Corporation SH3000IMLTR Datasheet HTML 11Page - Semtech Corporation SH3000IMLTR Datasheet HTML 12Page - Semtech Corporation SH3000IMLTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SH3000 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2003-2005 Semtech Corporation
9
V1.15 www.semtech.com
Programmable Spectrum Spreading
Most commercial electronic systems must pass
regulatory tests in order to determine the degree of their
Electromagnetic Interference (EMI) affecting other
electronic devices. In some cases compliance with the
EMI standards is costly and complicated.
The SH3000 offers a technique for reducing the
EMI. It can be a part of the initial design strategy, or it
can be applied in the prototype stage to fix problems
identified during compliance testing. This feature of the
SH3000 may greatly reduce the requirements for
radiofrequency shielding, and permits the use of simple
plastic casings in place of expensive RFI-coated or
metal casings.
The SH3000 employs Programmable Spectrum
Spreading in order to reduce the RF emissions from the
processor’s clock. There are five (5) possible settings;
please see Table 3 for operating and performance
figures in the 8-16 MHz range.
Spectrum Spreading is created by varying the
frequency of the HF oscillator with a pseudo-random
sequence (with a zero-average DC component). The
Maximum-Length Sequence (MLS) 8-bit random number
generator, clocked by 32 kHz, is used. Only 4, 5, 6, or 7
bits of the generated 8-bit random number are used,
according to the configuration setting.
Maximum fluctuations of the frequency depend on
the selected frequency range and the position within the
range. Selecting the HF oscillator frequency to be near
the high end of the range limits the peak variations to
±0.1%, ±0.2%, ±0.4%, or ±0.8% (corresponding to the
configuration setting).
Special Operating Modes
The SH3000 can operate stand-alone, without
connections to the In and Out terminals of the host’s
oscillator. For example, a bank of SH3000 chips can
generate several different frequencies for simultaneous
use in the system, all controlled by a single micro (and
possibly sharing one 32.768 kHz crystal by chaining the
CLK32 pin to XIN pin on the next device). In this case
the CLKIN pin should be connected to VSS. The clock
output on the CLKOUT pin is continuous; the correct
operating mode is automatically recognized by the
SH3000.
Likewise, a microcontroller may not have a STOP
command at all. Still, with the help of the SH3000 this
controller can do a “simulated” STOP by issuing an
instruction to the SH3000 to stop the clock. This
command is accepted only if the Periodic Interrupt /
Wakeup Timer has started (otherwise, once the system
is put to sleep, it would never wake up again). This
mode of operations is only possible if the host processor
is capable of correct operations with clock frequency
down to zero, and keeps all of the internal RAM alive
while the clock is stopped.
Table 3. EMI reduction with Spectrum Spreading
Setting
En
CFG1
CFG0
Spreading
Bandwidth
kHz
Peak EMI
Reduction
(guaranteed)
db
Peak EMI
Reduction
(measured)
db
0
X
X
Off
0
0
1
0
0
32
-3
-3
1
0
1
64
-6
-7
1
1
0
128
-9
-10
1
1
1
256
-12
-15


Similar Part No. - SH3000IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
SH3000UM SEMTECH-SH3000UM Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3000UM SEMTECH-SH3000UM Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
More results

Similar Description - SH3000IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3003 SEMTECH-SH3003 Datasheet
658Kb / 30P
   MicroBuddy짰 Support IC for Microcontrollers
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9779WD STMICROELECTRONICS-L9779WD Datasheet
2Mb / 170P
   Multifunction IC for engine management system
September 2015 Rev 5
logo
ATMEL Corporation
U2102B ATMEL-U2102B Datasheet
331Kb / 19P
   Multifunction Timer IC
logo
STMicroelectronics
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
   Multifunction IC for automotive engine management system
May 2022 Rev 4
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
   Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
   Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com